Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 59 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 59 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 55Page - Texas Instruments PCI6621 Datasheet HTML 56Page - Texas Instruments PCI6621 Datasheet HTML 57Page - Texas Instruments PCI6621 Datasheet HTML 58Page - Texas Instruments PCI6621 Datasheet HTML 59Page - Texas Instruments PCI6621 Datasheet HTML 60Page - Texas Instruments PCI6621 Datasheet HTML 61Page - Texas Instruments PCI6621 Datasheet HTML 62Page - Texas Instruments PCI6621 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 204 page
background image
3−11
The PCI6x21/PCI6x11 controller is a serial bus master; all other devices connected to the serial bus external to the
PCI6x21/PCI6x11 controller are slave devices. As the bus master, the PCI6x21/PCI6x11 controller drives the SCL
clock at nearly 100 kHz during bus cycles and places SCL in a high-impedance state (zero frequency) during idle
states.
Typically, the PCI6x21/PCI6x11 controller masters byte reads and byte writes under software control. Doubleword
reads are performed by the serial EEPROM initialization circuitry upon a PCI reset and may not be generated under
software control. See Section 3.6.4, Serial-Bus EEPROM Application, for details on how the PCI6x21/PCI6x11
controller automatically loads the subsystem identification and other register defaults through a serial-bus EEPROM.
Figure 3−8 illustrates a byte write. The PCI6x21/PCI6x11 controller issues a start condition and sends the 7-bit slave
device address and the command bit zero. A 0 in the R/W command bit indicates that the data transfer is a write. The
slave device acknowledges if it recognizes the address. If no acknowledgment is received by the PCI6x21/PCI6x11
controller, then an appropriate status bit is set in the serial-bus control/status register (PCI offset B3h, see
Section 4.50). The word address byte is then sent by the PCI6x21/PCI6x11 controller, and another slave
acknowledgment is expected. Then the PCI6x21/PCI6x11 controller delivers the data byte MSB first and expects a
final acknowledgment before issuing the stop condition.
Sb6
b4
b5
b3 b2 b1 b0
0
b7 b6 b5 b4 b3
b2 b1 b0
AA
Slave Address
Word Address
R/W
S/P = Start/Stop Condition
A = Slave Acknowledgement
b7 b6
b4
b5
b3 b2 b1 b0
A
P
Data Byte
Figure 3−8. Serial-Bus Protocol—Byte Write
Figure 3−9 illustrates a byte read. The read protocol is very similar to the write protocol, except the R/W command
bit must be set to 1 to indicate a read-data transfer. In addition, the PCI6x21/PCI6x11 master must acknowledge
reception of the read bytes from the slave transmitter. The slave transmitter drives the SDA signal during read data
transfers. The SCL signal remains driven by the PCI6x21/PCI6x11 master.
Sb6
b4
b5
b3 b2 b1 b0
0
b7 b6 b5 b4 b3
b2 b1 b0
AA
Slave Address
Word Address
R/W
Sb6
b4
b5
b3 b2 b1 b0
1
A
Slave Address
S/P = Start/Stop Condition
M = Master Acknowledgement
b7 b6
b4
b5
b3 b2 b1 b0
M
P
Data Byte
Start
Restart
R/W
A = Slave Acknowledgement
Stop
Figure 3−9. Serial-Bus Protocol—Byte Read
Figure 3−10 illustrates EEPROM interface doubleword data collection protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com