Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 100 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 100 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 96Page - Texas Instruments PCI6621 Datasheet HTML 97Page - Texas Instruments PCI6621 Datasheet HTML 98Page - Texas Instruments PCI6621 Datasheet HTML 99Page - Texas Instruments PCI6621 Datasheet HTML 100Page - Texas Instruments PCI6621 Datasheet HTML 101Page - Texas Instruments PCI6621 Datasheet HTML 102Page - Texas Instruments PCI6621 Datasheet HTML 103Page - Texas Instruments PCI6621 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 204 page
background image
4−24
4.35 General-Purpose Output Register
The general-purpose output register is used to drive the GPO4−GPO0 outputs. See Table 4−13 for a complete
description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
General-purpose output
Type
R
R
R
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
General-purpose output
Offset:
8Bh
Type:
Read-only, Read/Write
Default:
00h
Table 4−13. General-Purpose Output Register Description
BIT
SIGNAL
TYPE
FUNCTION
7−5
RSVD
R
Reserved. These bits return 0s when read. Writes have no effect.
4 ‡
GPO4_DATA
RW
This bit represents the logical value of the data driven to GPO4.
3 ‡
GPO3_DATA
RW
This bit represents the logical value of the data driven to GPO3.
2 ‡
GPO2_DATA
RW
This bit represents the logical value of the data driven to GPO2.
1 ‡
GPO1_DATA
RW
This bit represents the logical value of the data driven to GPO1.
0 ‡
GPO0_DATA
RW
This bit represents the logical value of the data driven to GPO0.
‡ One or more bits in this register are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com