Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 108 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 108 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 104Page - Texas Instruments PCI6621 Datasheet HTML 105Page - Texas Instruments PCI6621 Datasheet HTML 106Page - Texas Instruments PCI6621 Datasheet HTML 107Page - Texas Instruments PCI6621 Datasheet HTML 108Page - Texas Instruments PCI6621 Datasheet HTML 109Page - Texas Instruments PCI6621 Datasheet HTML 110Page - Texas Instruments PCI6621 Datasheet HTML 111Page - Texas Instruments PCI6621 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 204 page
background image
4−32
4.44 Power Management Control/Status Register
The power management control/status register determines and changes the current power state of the
PCI6x21/PCI6x11 CardBus function. The contents of this register are not affected by the internally generated reset
caused by the transition from the D3hot to D0 state. See Table 4−20 for a complete description of the register contents.
All PCI registers, ExCA registers, and CardBus registers are reset as a result of a D3hot-to-D0 state transition, with
the exception of the PME context bits (if PME is enabled) and the GRST only bits.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power management control/status
Type
RWC
R
R
R
R
R
R
RW
R
R
R
R
R
R
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Power management control/status
Offset:
A4h (Functions 0, 1)
Type:
Read-only, Read/Write, Read/Write/Clear
Default:
0000h
Table 4−20. Power Management Control/Status Register Description
BIT
SIGNAL
TYPE
FUNCTION
15 †
PMESTAT
RC
PME status. This bit is set when the CardBus function would normally assert the PME signal, independent
of the state of the PME_EN bit. This bit is cleared by a writeback of 1, and this also clears the PME signal
if PME was asserted by this function. Writing a 0 to this bit has no effect.
14−13
DATASCALE
R
This 2-bit field returns 0s when read. The CardBus function does not return any dynamic data.
12−9
DATASEL
R
Data select. This 4-bit field returns 0s when read. The CardBus function does not return any dynamic data.
8 ‡
PME_ENABLE
RW
This bit enables the function to assert PME. If this bit is cleared, then assertion of PME is disabled. This
bit is not cleared by the assertion of PRST. It is only cleared by the assertion of GRST.
7−2
RSVD
R
Reserved. These bits return 0s when read.
1−0
PWRSTATE
RW
Power state. This 2-bit field is used both to determine the current power state of a function and to set the
function into a new power state. This field is encoded as:
00 = D0
01 = D1
10 = D2
11 = D3hot
† One or more bits in this register are PME context bits and can be cleared only by the assertion of GRST when PME is enabled. If PME is not
enabled, then this bit is cleared by the assertion of PRST or GRST.
‡ One or more bits in this register are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com