Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 150 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 150 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 146Page - Texas Instruments PCI6621 Datasheet HTML 147Page - Texas Instruments PCI6621 Datasheet HTML 148Page - Texas Instruments PCI6621 Datasheet HTML 149Page - Texas Instruments PCI6621 Datasheet HTML 150Page - Texas Instruments PCI6621 Datasheet HTML 151Page - Texas Instruments PCI6621 Datasheet HTML 152Page - Texas Instruments PCI6621 Datasheet HTML 153Page - Texas Instruments PCI6621 Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 204 page
background image
7−6
7.7
Header Type and BIST Register
The header type and built-in self-test (BIST) register indicates the flash media controller PCI header type and no
built-in self-test. See Table 7−6 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Header type and BIST
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
Register:
Header type and BIST
Offset:
0Eh
Type:
Read-only
Default:
0010h
Table 7−6. Header Type and BIST Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15−8
BIST
R
Built-in self-test. The flash media controller does not include a BIST; therefore, this field returns 00h
when read.
7−0
HEADER_TYPE
R
PCI header type. The flash media controller includes the standard PCI header. Bit 7 indicates if the flash
media is a multifunction device.
7.8
Flash Media Base Address Register
The flash media base address register specifies the base address of the memory-mapped interface registers. Since
the implementation of the flash media controller core in the PCI6x21/PCI6x11 controller contains 2 sockets, the size
of the base address register is 8192 bytes. See Table 7−7 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Flash media base address
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Flash media base address
Type
RW
RW
RW
RW
RW
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Flash media base address
Offset:
10h
Type:
Read/Write, Read-only
Default:
0000 0000h
Table 7−7. Flash Media Base Address Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−12
BAR
RW
Base address. This field specifies the upper bits of the 32-bit starting base address.
11−4
RSVD
R
Reserved. Bits 11−4 return 0s when read to indicate that the size of the base address is 8192 bytes.
3
PREFETCHABLE
R
Prefetchable. Since this base address is not prefetchable, bit 3 returns 0 when read.
2−1
RSVD
R
Reserved. Bits 2−1 return 0s when read.
0
MEM_INDICATOR
R
Memory space indicator. Bit 0 is hardwired to 0 to indicate that the base address maps into memory
space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com