Electronic Components Datasheet Search
  English  ▼

X  

ADP3041 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3041
Description  TFT LCD Panel Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3041 Datasheet(HTML) 4 Page - Analog Devices

  ADP3041 Datasheet HTML 1Page - Analog Devices ADP3041 Datasheet HTML 2Page - Analog Devices ADP3041 Datasheet HTML 3Page - Analog Devices ADP3041 Datasheet HTML 4Page - Analog Devices ADP3041 Datasheet HTML 5Page - Analog Devices ADP3041 Datasheet HTML 6Page - Analog Devices ADP3041 Datasheet HTML 7Page - Analog Devices ADP3041 Datasheet HTML 8Page - Analog Devices ADP3041 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. D
–4–
ADP3041
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADP3041 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to + 6 V
Buffer Input Voltage . . . . . . . . . . . . . –0.5 V to AVCC + 0.5 V
SW Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 V
COMP Voltage . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +2.5 V
FB Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +1.3 V
SD Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
PGND to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±200 mV
Operating Ambient Temperature Range . . . . . –40
°C to +85°C
Operating Junction Temperature Range . . . . –40
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
JA 2-Layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
°C/W
JA 4-Layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112
°C/W
Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may affect device reliability.
PIN CONFIGURATION
SS
COMP
SW
FB
IN
PGND
SD
VCMO
G1O
AGND
G2O
G3O
G4O
G1I
G2I
G3I
G4I
VCMI
AVCC
NC
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
NC = NO CONNECT
1
2
3
4
5
6
7
8
9
10
ADP3041
NC
COMP
SW
FB
IN
PGND
SD
ADP3041
SS
VCMO
G1O
AGND
G2O
G3O
G4O
G1I
G2I
G3I
G4I
VCMI
AVCC
VIN
CIN
L1
R1
RSD
RC
CSS
R2
COUT
CC
D1
Figure 1. Typical Application
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1SWSwitching Output
2INMain Power Supply Input
3
SD
Shutdown Input
4NCNo Connection
5
AVCC
Buffers Power Supply Input
6
VCMI
VCOM Buffer Input
7
G1I
Gamma 1 Buffer Input
8
G2I
Gamma 2 Buffer Input
9
G3I
Gamma 3 Buffer Input
10
G4I
Gamma 4 Buffer Input
11
G4O
Gamma 4 Buffer Output
12
G3O
Gamma 3 Buffer Output
13
G2O
Gamma 2 Buffer Output
14
G1O
Gamma 1 Buffer Output
15
VCMO
VCOM Buffer Output
16
SS
Soft Start Capacitor Timer Set
17
COMP
Compensation Input
18
FB
Feedback Voltage Sense Input
19
AGND
Analog Signal Ground
20
PGND
Ground Return for Power Transistor
ORDERING GUIDE
Temperature
Voltage
Package
Model
Range
Output
Option
ADP3041ARU
–40
°C to +85°C 4.5 V to 12 V TSSOP-20
ADP3041ARUZ
* –40
°C to +85°C 4.5 V to 12 V TSSOP-20
*Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com