Electronic Components Datasheet Search
  English  ▼

X  

ADP3041 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3041
Description  TFT LCD Panel Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3041 Datasheet(HTML) 5 Page - Analog Devices

  ADP3041 Datasheet HTML 1Page - Analog Devices ADP3041 Datasheet HTML 2Page - Analog Devices ADP3041 Datasheet HTML 3Page - Analog Devices ADP3041 Datasheet HTML 4Page - Analog Devices ADP3041 Datasheet HTML 5Page - Analog Devices ADP3041 Datasheet HTML 6Page - Analog Devices ADP3041 Datasheet HTML 7Page - Analog Devices ADP3041 Datasheet HTML 8Page - Analog Devices ADP3041 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. D
ADP3041
–5–
INPUT OFFSET VOLTAGE (mV)
100
0
–12
–9
–6
–3
0
3
6
9
12
90
50
30
20
10
80
70
40
60
TA = 25 C
4.5V < VS < 16V
TPC 1. Input Offset Voltage Distribution
TCVOS ( V/ C)
300
150
0
0
100
10
20
30
40
50
60
70
80
90
250
200
100
50
4.5V < VS < 16V
TPC 2. Input Offset Voltage Drift Distribution
TEMPERATURE ( C)
0
–0.25
–40
25
85
–0.50
–0.75
–1.00
–1.25
VCM = VS/2
VS = 16V
VS = 4.5V
–1.50
TPC 3. Input Offset Voltage vs. Temperature
Typical Performance Characteristics–
TEMPERATURE ( C)
0
–50
–350
–40
25
85
–150
–200
–250
–300
VCM = VS/2
VS = 16V
VS = 4.5V
–100
TPC 4. Input Bias Current vs. Temperature
TEMPERATURE ( C)
5
–5
–40
25
85
–2
–3
–4
VS = 16V
VS = 4.5V
–1
4
3
2
1
0
TPC 5. Input Offset Current vs. Temperature
TEMPERATURE ( C)
15.96
15.86
–40
25
85
15.89
15.88
15.87
VS = 16V
VS = 4.5V
15.90
15.95
15.94
15.93
15.92
15.91
ILOAD = 5mA
4.46
4.36
4.39
4.38
4.37
4.40
4.45
4.44
4.43
4.42
4.41
TPC 6. Output Voltage Swing vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com