Electronic Components Datasheet Search
  English  ▼

X  

ADP3041 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3041
Description  TFT LCD Panel Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3041 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3041 Datasheet HTML 4Page - Analog Devices ADP3041 Datasheet HTML 5Page - Analog Devices ADP3041 Datasheet HTML 6Page - Analog Devices ADP3041 Datasheet HTML 7Page - Analog Devices ADP3041 Datasheet HTML 8Page - Analog Devices ADP3041 Datasheet HTML 9Page - Analog Devices ADP3041 Datasheet HTML 10Page - Analog Devices ADP3041 Datasheet HTML 11Page - Analog Devices ADP3041 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. D
–8–
ADP3041
FREQUENCY (Hz)
1k
100
1
10
10k
100
1k
10
TA = 25 C
4.5V
≤ VS ≤ 16V
TPC 19. Voltage Noise Density vs. Frequency
FREQUENCY (Hz)
100M
10M
1M
100k
10k
1k
100
–180
–140
–120
–100
–80
–60
–40
–20
0
20
TA = 25 C
4.5V < VS < 16V
–160
TPC 20. Channel Separation vs. Frequency
LOAD CAPACITANCE (pF)
100
90
0
10
1k
100
80
70
60
50
40
30
20
10
TA = 25 C
VS = 16V
VCM = 8V
VIN = 100mV p-p
AV = +1
RL = 10k
–OS
+OS
TPC 21. Small Signal Overshoot vs. Load Capacitance,
VS = 16 V
LOAD CAPACITANCE (pF)
100
90
0
10
1k
100
80
70
60
50
40
30
20
10
TA = 25 C
VS = 4.5V
VCM = 2.25V
VIN = 100mV p-p
AV = +1
RL = 10k
–OS
+OS
TPC 22. Small Signal Overshoot vs. Load Capacitance,
VS = 4.5 V
SETTLING TIME ( s)
15
10
–15
02.0
0.5
1.0
1.5
5
0
–5
–10
TA = 25 C
VS = 8V
RL = 10k
OVERSHOOT SETTLING TO 0.1%
UNDERSHOOT SETTLING TO 0.1%
TPC 23. Step Size vs. Settling Time
TIME (2 s/DIV)
0
0
00
0
00
00
00
0
0
0
0
0
0
0
TA = 25 C
VS = 16V
AV = +1
RL = 10k
CL = 300pF
TPC 24. Large Signal Transient Response, VS = 16 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com