Electronic Components Datasheet Search
  English  ▼

X  

ADP3041 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3041
Description  TFT LCD Panel Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3041 Datasheet(HTML) 2 Page - Analog Devices

  ADP3041 Datasheet HTML 1Page - Analog Devices ADP3041 Datasheet HTML 2Page - Analog Devices ADP3041 Datasheet HTML 3Page - Analog Devices ADP3041 Datasheet HTML 4Page - Analog Devices ADP3041 Datasheet HTML 5Page - Analog Devices ADP3041 Datasheet HTML 6Page - Analog Devices ADP3041 Datasheet HTML 7Page - Analog Devices ADP3041 Datasheet HTML 8Page - Analog Devices ADP3041 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. D
–2–
ADP3041–SPECIFICATIONS1 (V
IN = 3.3 V, TA = –40 C to +85 C, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY
Input Voltage
VIN
2.5
3.3
5.5
V
Operating Current
2
IQSW
f = 600 kHz, No Load,
1
5
mA
AVCC = Open
Quiescent Current
IQ
Not Switching, AVCC = Open
270
500
µA
Shutdown Current
ISD
AVCC = Open
10
µA
ERROR AMPLIFIER
Feedback Voltage Accuracy
VFB
1.215
1.233
1.251
V
Line Regulation
VIN = 2.5 V to 5.5 V
–0.15
+0.15
%/V
FB Bias Current
100
nA
Overall Regulation
Line, Temperature
–3
+3
%
OUTPUT SWITCH
On Resistance
RDS (ON)
At 1.5 A, VIN = 3.3 V
300
m
Ω
Output Load Current
ILOAD
Continuous Operation,
VIN = 3.3 V, VOUT = 10 V
300
mA
Leakage Current
VSWITCH = 12 V, SD = 0 V
5
µA
Efficiency
ILOAD = 200 mA, VOUT = 10 V
90
%
ILOAD = 100 mA, VOUT = 10 V
90
%
OSCILLATOR
Oscillator Frequency
fOSC
0.4
0.6
0.9
MHz
Maximum Duty Cycle
DMAX
COMP = Open, FB = 1 V
80
90
%
Minimum Duty Cycle
DMIN
COMP = Open, FB = 1 V
40
%
SOFT START
Charge Current
VSS = 3.3 V, CSS = 1 nF
2.5
µA
SHUTDOWN
Input Voltage Low
0.8
V
Input Voltage High
2.2
V
CURRENT LIMIT
Peak Switch Current
ICL
1.5
1.8
A
COMPENSATION
Transconductance
gm
100
µA/V
Gain
AV
1000
V/V
UNDERVOLTAGE LOCKOUT
UVLO Threshold
2.2
2.4
2.5
V
UVLO Hysteresis
130
mV
OUTPUT
Voltage Range
VOUT
VIN = 2.5 V to 5.5 V
4.5
12
V
Load Regulation
ILOAD = 10 mA to 150 mA,
VOUT = 10 V
0.05
mV/mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com