Electronic Components Datasheet Search
  English  ▼

X  

ADP3041 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3041
Description  TFT LCD Panel Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3041 Datasheet(HTML) 1 Page - Analog Devices

  ADP3041 Datasheet HTML 1Page - Analog Devices ADP3041 Datasheet HTML 2Page - Analog Devices ADP3041 Datasheet HTML 3Page - Analog Devices ADP3041 Datasheet HTML 4Page - Analog Devices ADP3041 Datasheet HTML 5Page - Analog Devices ADP3041 Datasheet HTML 6Page - Analog Devices ADP3041 Datasheet HTML 7Page - Analog Devices ADP3041 Datasheet HTML 8Page - Analog Devices ADP3041 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADP3041
TFT LCD Panel Power Module
FEATURES
600 kHz PWM Frequency
Fully Integrated 1.5 A Power Switch
3% Output Regulation Accuracy
Simple Compensation
Small Inductor and MLC Capacitors
300
A Quiescent Supply Current
90% Efficiency
Undervoltage Lockout
5 Buffers
TSSOP 20-Lead Package
Pb-Free Part
APPLICATIONS
TFT LCD Bias Supplies
FUNCTIONAL BLOCK DIAGRAM
RAMP
GEN
Q
S
R
F/F
NC
DRIVER
CURRENT
SENSE
AMPLIFIER
COMP
SW
FB
IN
COMPARATOR
ERROR
AMP
PGND
BIAS
gm
SD
OSC
ADP3041
SS
VCMO
G1O
AGND
G2O
G3O
G4O
G1I
G2I
G3I
G4I
VCMI
AVCC
SOFT START
REF
GENERAL DESCRIPTION
The ADP3041 is a fixed frequency, PWM step-up dc-to-dc
switching regulator with five buffers capable of 12 V boosted
output voltage in a TSSOP 20-lead package. It provides high
efficiency, low noise operation, and excellent dynamic response,
and is easy to use. The high switching frequency allows for small,
cost-saving, external inductive and capacitive components. The
ADP3041 operates in PWM current mode. The current limit
and the power switch are integrated completely on-chip.
Capable of operating from 2.5 V to 5.5 V input, the ADP3041
is ideal for thin-film transistor (TFT) liquid crystal display
(LCD) module applications, where local point-of-use power
regulation is required. Supporting output voltages down to 4.5 V,
the ADP3041 is ideal to generate today’s low voltage rails, pro-
viding the optimal solution in its class for delivering power
efficiently, responsively, and simply with minimal printed circuit
board area.
The ADP3041 integrates five buffers. Each buffer can deliver
35 mA output current and has rail-to-rail input and output
capability.


Similar Part No. - ADP3041

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3041 AD-ADP3041_15 Datasheet
267Kb / 16P
TFT LCD Panel Power Module
REV. D
More results

Similar Description - ADP3041

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LT104S1-101 SAMSUNG-LT104S1-101 Datasheet
1Mb / 19P
TFT LCD Panel Display
logo
Rohm
BD8154EFV ROHM-BD8154EFV Datasheet
357Kb / 6P
Main power supply for TFT-LCD panel module
logo
Sharp Corporation
LQ104S1DG21 SHARP-LQ104S1DG21 Datasheet
376Kb / 19P
TFT-LCD Module
LQ121S1LG41 SHARP-LQ121S1LG41 Datasheet
3Mb / 19P
TFT-LCD Module
LQ121S1LG61 SHARP-LQ121S1LG61 Datasheet
715Kb / 20P
TFT-LCD Module
LQ181E1LW31 SHARP-LQ181E1LW31 Datasheet
556Kb / 24P
TFT-LCD Module
logo
Analog Devices
ADP3041 AD-ADP3041_15 Datasheet
267Kb / 16P
TFT LCD Panel Power Module
REV. D
logo
Purdy Electronics Corpo...
AND-TFT-35VX-UHB-TS PURDY-AND-TFT-35VX-UHB-TS Datasheet
2Mb / 6P
TFT LCD Touch Panel
logo
uPI Group Inc.
UP6668 UPI-UP6668 Datasheet
774Kb / 19P
TFT-LCD TV Panel Power Solution
logo
Richtek Technology Corp...
SN18400P RICHTEK-SN18400P Datasheet
1Mb / 45P
TFT LCD Integrated Power Module
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com