Electronic Components Datasheet Search
  English  ▼

X  

CS8920A Datasheet(PDF) 90 Page - Cirrus Logic

Part # CS8920A
Description  CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920A Datasheet(HTML) 90 Page - Cirrus Logic

Back Button CS8920A Datasheet HTML 86Page - Cirrus Logic CS8920A Datasheet HTML 87Page - Cirrus Logic CS8920A Datasheet HTML 88Page - Cirrus Logic CS8920A Datasheet HTML 89Page - Cirrus Logic CS8920A Datasheet HTML 90Page - Cirrus Logic CS8920A Datasheet HTML 91Page - Cirrus Logic CS8920A Datasheet HTML 92Page - Cirrus Logic CS8920A Datasheet HTML 93Page - Cirrus Logic CS8920A Datasheet HTML 94Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 144 page
background image
Choosing How to Transfer Frames: The RxCFG
register (Register 3) and the BusCTL register
(Register 17) are used to determine how frames
will be transferred to host memory, as described
in Table 5.4.
5.2.3
Receive Frame Pre-Processing
The CS8920A pre-processes all receive frames
using a four step process:
1. Destination Address filtering;
2. Early Interrupt Generation;
3. Acceptance filtering; and,
4. Normal Interrupt Generation.
Figure 5.3 provides a diagram of frame pre-
processing.
Destination Address Filtering: All incoming
frames are passed through the Destination Ad-
dress filter (DA filter). If the frame’s DA passes
the DA filter, the frame is passed on for further
pre-processing. If it fails the DA filter, the frame
is discarded. See Section 5.3 for a more detailed
description of DA filtering.
Early Interrupt Generation: The CS8920A sup-
ports the following two early interrupts that can
be used to inform the host that a frame is being
received:
• RxDest: The RxDest bit (Register C,
BufEvent, Bit F) is set as soon as the Desti-
nation Address (DA) of the incoming frame
passes the DA filter. When the RxDestiE bit
(Register B, BufCFG, bit F) is set, the
CS8920A generates a corresponding inter-
rupt.
When RxDest is set, the host is
allowed to read the incoming frame’s DA
(the first 6 bytes of the frame).
• Rx128: The Rx128 bit (Register C,
BufEvent, Bit B) is set as soon as the first
128 bytes of the incoming frame have been
received. When the Rx128iE bit (Register B,
BufCFG, bit B) is set, the CS8920A gener-
ates a corresponding interrupt. When the
Rx128 bit is set, the RxDest bit is cleared
and the host is allowed to read the first 128
bytes of the incoming frame. The Rx128 bit
is cleared by the host reading the BufEvent
register (either directly or through the Inter-
rupt Status Queue) or by the CS8920A
Register B, BufCFG
Bit
Bit Name
Operation
7
RxDMAiE
When set, there is an interrupt if one or
more frames are transferred via DMA.
A
RxMissiE
When set, there is an interrupt if a
frame is missed due to insufficient
receive buffer space.
B
Rx128iE
When set, there is an interrupt after the
first 128 bytes of receive data have
been buffered.
D
MissOvfloiE When set, there is an interrupt if the
RxMISS counter overflows.
F
RxDestiE
When set, there is an interrupt after the
DA of an incoming frame has been
buffered.
Table 5.3. Registers 3 & B
Interrupt Configuration
Register 3, RxCFG
Bit
Bit Name
Operation
7
StreamE
When set, StreamTransfer enabled.
9
RxDMAonly When set, DMA slave operation used
for all receive frames.
AAutoRx
DMAE
When set, Auto-Switch DMA enabled.
Register 17, BusCTL
Bit
Bit Name
Operation
B
DMABurst
When set, DMA operations hold the
bus for up to approximately 28
µs.
W he n c l ear, DM A operations are
continuous.
F
RxDMAsize W hen set, DMA buffer size is 64
Kbytes. When clear, DMA buffer size is
16 Kbytes.
Table 5.4. Frame Transfer Method
CS8920A
90
DS238PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com