Electronic Components Datasheet Search
  English  ▼

X  

CS8920A Datasheet(PDF) 91 Page - Cirrus Logic

Part # CS8920A
Description  CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920A Datasheet(HTML) 91 Page - Cirrus Logic

Back Button CS8920A Datasheet HTML 87Page - Cirrus Logic CS8920A Datasheet HTML 88Page - Cirrus Logic CS8920A Datasheet HTML 89Page - Cirrus Logic CS8920A Datasheet HTML 90Page - Cirrus Logic CS8920A Datasheet HTML 91Page - Cirrus Logic CS8920A Datasheet HTML 92Page - Cirrus Logic CS8920A Datasheet HTML 93Page - Cirrus Logic CS8920A Datasheet HTML 94Page - Cirrus Logic CS8920A Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 144 page
background image
detecting the incoming frame’s End-of-Frame
(EOF) sequence.
Like all Event bits, RxDest and Rx128 are set by
the CS8920A whenever the appropriate event oc-
curs. Unlike other Event bits, RxDest and Rx128
may be cleared by the CS8920A without host in-
tervention. All other event bits are cleared only
by the host reading the appropriate event register,
either directly or through the Interrupt Status
Queue (ISQ). (RxDest and Rx128 can also be
cleared by the host reading the BufEvent register,
either directly or through the Interrupt Status
Queue). Figure 5.4 provides a diagram of the
Early Interrupt process.
Acceptance Filtering: The third step of pre-proc-
essing is to determine whether or not to accept
the frame by comparing the frame with the crite-
ria programmed into the RxCTL register
(Register 5). When the receive frame passes the
Acceptance filter, the frame is buffered, either on
chip or in host memory via DMA. If the frame
fails the Acceptance filter, it is discarded. The re-
sults of the Acceptance filter are reported in the
RxEvent register (Register 4).
Normal Interrupt Generation: The final step of
pre-processing is to generate any enabled inter-
rupts that are triggered by the incoming frame.
Interrupt generation occurs when the entire frame
has been buffered (up to the first 1518 bytes).
For more information about interrupt generation,
see Section 5.1.
5.2.4
Held vs. DMAed Receive Frames
All accepted frames are either held in on-chip
RAM until processed by the host, or stored in
host memory via DMA. A receive frame that is
held in on-chip RAM is referred to as a held re-
ceive frame. A frame that is stored in host
memory via DMA is a DMAed receive frame.
This section describes buffering and transferring
held receive frames. Sections 5.5 through 5.7 de-
scribe DMAed receive frames.
Pass
DA Filter?
Discard Frame
Destination
Address Filter
Check:
- PromiscuousA?
- IAHashA?
- MulticastA?
- IndividualA?
- BroadcastA?
Receive Frame
Yes
No
Yes
No
Generate Interrupts
Check:
- RxOKiE?
- ExtradataiE?
- CRCerroriE?
- RuntiE?
- RxDMAiE?
Pre-Processing
Complete
Generate Early
Interrupts if Enabled
(see figure 5.3)
Acceptance Filter
Check:
- RxOKA?
- ExtradataA?
- RuntA?
- CRCerrorA?
Status of receive
frame reported in
RxEvent register,
frame discarded.
Status of receive
frame reported in
RxEvent register,
frame accepted
into on-chip RAM
Pass
Accept.
Filter?
Figure 5.3. Receive Frame Pre-Processing
CS8920A
DS238PP2
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com