Electronic Components Datasheet Search
  English  ▼

X  

TVR32271KB Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # TVR32271KB
Description  ZINC OXIDE VARISTOR 50 SERIES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TVR32271KB Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button TVR32271KB Datasheet HTML 17Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 18Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 19Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 20Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 21Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 22Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 23Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 24Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Rua Juquiá, 217
- Vila Antonieta
- S.B.C.
- Cep:09629-040
-
SP - Brasil
Tel: (11) 4367-7411
-
Fax: (11) 4367-7416
-
www.voltts.com.br
-
voltts@voltts.com.br
Pág. 21/43
Unit: mm
Disc Ø
D max.
H max.
h min.
P±0.5
34
38
43
10
25
PART NUMBER CODE
CONFIGURATION AND DIMENSION
ZINC OXIDE VARISTOR 34Ø
SQUARE TYPE SERIES
Normal
Max. Allowable voltage
Max. Peak Current(8/20µs)
Max.
Max.Clamping
Typical
Part
Varistor
Energy
Rated
Voltage
Capacitance
Number
Voltage
ACrms
DC
1time
2times
2ms
Power
V300A
@1KHZ
VlmA(V)
(V)
(V)
(A)
(A)
(J)
(W)
(V)
(PF)
TVR34201KQ
200
130
170
40,000
30,000
310
1.4
340
5600
TVR34221KQ
220
140
180
40,000
30,000
340
1.4
360
5000
TVR34241KQ
240
150
200
40,000
30,000
360
1.4
395
4800
TVR34271KQ
270
175
225
40,000
30,000
400
1.4
455
4100
TVR34361KQ
360
230
300
40,000
30,000
460
1.4
595
3200
TVR34391KQ
390
250
320
40,000
30,000
490
1.4
650
2800
TVR34431KQ
430
275
350
40,000
30,000
550
1.4
710
2600
TVR34471KQ
470
300
385
40,000
30,000
595
1.4
775
2400
TVR34511KQ
510
320
410
40,000
30,000
640
1.4
845
2300
TVR34561KQ
560
350
450
40,000
30,000
710
1.4
930
2000
TVR34621KQ
620
385
505
40,000
30,000
800
1.4
1025
1800
TVR34681KQ
680
420
560
40,000
30,000
910
1.4
1120
1700
TVR34751KQ
750
460
615
40,000
30,000
1000
1.4
1235
1600
TVR34781KQ
780
485
640
40,000
30,000
1030
1.4
1240
1500
TVR34821KQ
820
510
670
40,000
30,000
860
1.4
1355
1400
TVR34911KQ
910
550
745
40,000
30,000
960
1.4
1500
1300
TVR34951KQ
950
575
765
40,000
30,000
1000
1.4
1570
1200
TVR34102KQ
1000
625
825
40,000
30,000
1050
1.4
1650
1100
TVR34112KQ
1100
680
895
40,000
30,000
1200
1.4
1815
1050
TVR34122KQ
1200
750
1060
40,000
30,000
1310
1.4
2000
950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com