Electronic Components Datasheet Search
  English  ▼

X  

TVR32271KB Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # TVR32271KB
Description  ZINC OXIDE VARISTOR 50 SERIES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TVR32271KB Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button TVR32271KB Datasheet HTML 24Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 25Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 26Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 27Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 28Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 29Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 30Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 31Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Rua Juquiá, 217
- Vila Antonieta
- S.B.C.
- Cep:09629-040
-
SP - Brasil
Tel: (11) 4367-7411
-
Fax: (11) 4367-7416
-
www.voltts.com.br
-
voltts@voltts.com.br
Pág. 28/43
Unit: mm
Disc Ø
Dimensions
D max.
L min.
dnor.
Pnor.
10
14.0
30
0.8±0.02
7.5±1
DIMENSION
ZINC OXIDE VARISTOR
10Ø SERIES D-SERIES
SPECIFICATION
Part
Normal
Max.
Max.
Max. Peak
Rated
Max.
Reference
Number
Varistor
Allowable
Clamping
Current
Power
Energy
Capacitance
Voltage
Voltage
Voltage
(8/20µs)
(W)
@lmADC
AC rms
DC
@25A
1time
2times
10/1000µs
@1KHZ
‘
(V)
(V)
(8/20µs)
(A)
(A)
(J)
(pf)
(V)
TVR10201
200
130
170
340
3500
2500
0.4
45
610
TVR10221
220
140
180
360
3500
2500
0.4
50
550
TVR10241
240
150
200
395
3500
2500
0.4
55
500
TVR10271
270
175
225
455
3500
2500
0.4
58
450
TVR10301
300
195
250
500
3500
2500
0.4
60
400
TVR10331
330
215
275
550
3500
2500
0.4
62
360
TVR10361
360
230
300
595
3500
2500
0.4
65
330
TVR10391
390
250
320
650
3500
2500
0.4
70
300
TVR10431
430
275
350
710
3500
2500
0.4
80
270
TVR10471
470
300
385
775
3500
2500
0.4
85
250
TVR10511
510
320
410
845
3500
2500
0.4
92
230
TVR10561
560
350
450
930
3500
2500
0.4
97
210
TVR10621
620
395
510
1020
3500
2500
0.4
107
190
TVR10681
680
420
560
1120
3500
2500
0.4
110
170
TVR10751
750
465
615
1235
3500
2500
0.4
115
160
TVR10821
820
510
670
1355
3500
2500
0.4
125
150
TVR10911
910
550
745
1500
3500
2500
0.4
130
140
TVR10102
1000
625
825
1650
3500
2500
0.4
145
130
TVR10112
1100
680
895
1815
3500
2500
0.4
155
120
Operating Temperature: -40ºC~85ºC
Storage Temperature: -40ºC~125ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com