Electronic Components Datasheet Search
  English  ▼

X  

TVR32271KB Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # TVR32271KB
Description  ZINC OXIDE VARISTOR 50 SERIES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TVR32271KB Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button TVR32271KB Datasheet HTML 34Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 35Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 36Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 37Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 38Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 39Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 40Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 41Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
Rua Juquiá, 217
- Vila Antonieta
- S.B.C.
- Cep:09629-040
-
SP - Brasil
Tel: (11) 4367-7411
-
Fax: (11) 4367-7416
-
www.voltts.com.br
-
voltts@voltts.com.br
Pág. 38/43
SPECIFICATION
Normal
Max.
Max.
Max.
Max.
Reference
Varistor
Allowable
Clamping Voltage Surge Current
Energy
Rate Power
Capacitance
Part No
Voltage
Voltage
(8/20µs)
(8/20µs)
(10/1000µs)
@1KHZ
VlmA
VAC
VDC
VP
IP
Imax
Wmax
P
C
(V)
(V)
(V)
(V)
(A)
(A)
(J)
(W)
(pF)
TVM3A080M
8
4
5.5
17
1.0
150
0.3
0.008
4580
TVM3A110M
11
6
8
25
1.0
200
0.4
0.008
3900
TVM3A150L
15
8
11
30
1.0
200
0.5
0.008
2540
TVM3A180K
18
11
14
33
1.0
200
0.5
0.008
1450
TVM3A220K
22
14
18
38
1.0
200
0.5
0.008
1200
TVM3A270K
27
17
22
44
1.0
200
0.6
0.008
1050
TVM3A330K
33
20
26
54
1.0
200
0.7
0.008
800
TVM3A390K
39
25
31
65
1.0
200
1.0
0.008
650
TVM3A470K
47
30
38
77
1.0
200
1.1
0.008
385
TVM3A560K
56
35
45
90
1.0
100
0.4
0.008
300
TVM3A680K
68
40
56
110
1.0
100
0.5
0.008
250
TVM3A820K
82
50
65
135
1.0
100
0.6
0.008
180
TVM3A101K
100
60
85
165
1.0
100
0.7
0.008
110
Nonlinearity exponent (
α)
≥ 15
Leakage Currennt (IL) at 25ºC, VDC
≤ 20µA
DIMENSION
Unit: mm
Part No.
Size
L
W
T
L1
TVM3
1206
3.2±0.30
1.60±0.20
1.50max 0.50±0.20
OPERATING TEMPERATURE VS. POWER
DERATING CURVE
ZINC OXIDE VARISTOR 1206 SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com