Electronic Components Datasheet Search
  English  ▼

X  

TVR32271KB Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # TVR32271KB
Description  ZINC OXIDE VARISTOR 50 SERIES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TVR32271KB Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button TVR32271KB Datasheet HTML 30Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 31Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 32Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 33Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 34Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 35Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 36Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 37Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Rua Juquiá, 217
- Vila Antonieta
- S.B.C.
- Cep:09629-040
-
SP - Brasil
Tel: (11) 4367-7411
-
Fax: (11) 4367-7416
-
www.voltts.com.br
-
voltts@voltts.com.br
Pág. 34/43
SPECIFICATION
Varistor
Max.
Max.
Max.
Max.
Reference
Voltage
Allowable
Clamping Voltage Surge Current
Energy
Rate Power
Capacitance
Part No
Voltage
(8/20µs)
(8/20µs)
(10/1000µs)
@1KHZ
VlmA
(±%)
VAC
VDC
VP
Ip
Imax
Wmax
P
C
(V)
(V)
(V)
(VP)
(A)
(A)
(J)
(W)
(pF)
TVM1A080M
8
20
4
5.5
19
1.0
30
0.1
0.003
950
TVM1A110M
11
20
6
8
27
1.0
30
0.1
0.003
600
TVM1A12RM
12.5
20
7
9
30
1.0
30
0.1
0.003
570
TVM1A150L
15
15
8
11
33
1.0
30
0.1
0.003
520
TVM1A180K
18
10
11
14
35
1.0
30
0.2
0.003
350
TVM1A220K
22
10
14
18
40
1.0
30
0.2
0.003
300
TVM1A270K
27
10
17
22
46
1.0
30
0.2
0.003
180
TVM1A330K
33
10
20
26
56
1.0
30
0.3
0.003
150
TVM1A390K
39
10
25
31
67
1.0
30
0.3
0.003
100
Nonlinearity exponent (
α)
≥ 20
Leakage Currennt (IL) at 25ºC, VDC
≤ 20µA
DIMENSION
Unit: mm
Part No.
Size
L
W
T
L1
TVM1
0603 1.60±0.15 0.80±0.15
0.95max 0.25±0.15
OPERATING TEMPERATURE VS.
POWER DERATING CURVE
ZINC OXIDE VARISTOR 0603 SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com