Electronic Components Datasheet Search
  English  ▼

X  

TVR32271KB Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # TVR32271KB
Description  ZINC OXIDE VARISTOR 50 SERIES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TVR32271KB Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button TVR32271KB Datasheet HTML 23Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 24Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 25Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 26Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 27Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 28Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 29Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 30Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
Rua Juquiá, 217
- Vila Antonieta
- S.B.C.
- Cep:09629-040
-
SP - Brasil
Tel: (11) 4367-7411
-
Fax: (11) 4367-7416
-
www.voltts.com.br
-
voltts@voltts.com.br
Pág. 27/43
Unit: mm
Disc Ø
Dimensions
D max.
L min.
dnor.
Pnor.
07
9.5
30
0.6±0.02
5±1
DIMENSION
SPECIFICATION
Part
Normal
Max.
Max.
Max. Peak
Rated
Max.
Reference
Number
Varistor
Allowable
Clamping
Current
Power
Energy
Capacitance
Voltage
Voltage
Voltage
(8/20µs)
(W)
@lmADC
AC rms
DC
@10A
1time
2times
10/1000µs
@1KHZ
‘
(V)
(V)
(8/20µs)
(A)
(A)
(J)
(pf)
(V)
TVR07201
200
130
170
340
1800
1200
0.25
18
360
TVR07221
220
140
180
360
1800
1200
0.25
20
310
TVR07241
240
150
200
395
1800
1200
0.25
21
290
TVR07271
270
175
225
455
1800
1200
0.25
24
260
TVR07301
300
195
250
500
1800
1200
0.25
28
230
TVR07331
330
215
275
550
1800
1200
0.25
29
210
TVR07361
360
230
300
595
1800
1200
0.25
32
190
TVR07391
390
250
320
650
1800
1200
0.25
35
180
TVR07431
430
275
350
710
1800
1200
0.25
40
160
TVR07471
470
300
385
775
1800
1200
0.25
42
150
TVR07511
510
320
410
845
1800
1200
0.25
46
140
TVR07561
560
350
450
930
1800
1200
0.25
47
130
TVR07621
620
395
510
1020
1800
1200
0.25
51
120
TVR07681
680
420
560
1120
1800
1200
0.25
53
110
TVR07751
750
465
615
1235
1800
1200
0.25
57
100
TVR07821
820
510
670
1355
1800
1200
0.25
61
90
Operating Temperature: -40ºC~85ºC
Storage Temperature: -40ºC~125ºC
ZINC OXIDE VARISTOR
07Ø SERIES D-SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com