Electronic Components Datasheet Search
  English  ▼

X  

TVR32271KB Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # TVR32271KB
Description  ZINC OXIDE VARISTOR 50 SERIES
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TVR32271KB Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button TVR32271KB Datasheet HTML 27Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 28Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 29Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 30Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 31Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 32Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 33Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 34Page - List of Unclassifed Manufacturers TVR32271KB Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
Rua Juquiá, 217
- Vila Antonieta
- S.B.C.
- Cep:09629-040
-
SP - Brasil
Tel: (11) 4367-7411
-
Fax: (11) 4367-7416
-
www.voltts.com.br
-
voltts@voltts.com.br
Pág. 31/43
TVM-SERIES Part Number Code
12
34
5678
9
10
11
12
13
14
Size (EIA)
0
0402 Type
1
0603 Type
2
0805 Type
Terminal Electrode
A
Ag/Ni/Sn
Design
A
Multilayer
structure
Product Code
TVM
Thinking Varistor
Surface Mount Type
The Tolerance
of VlmA
K
±10%
L
±15%
M
±20%
::
Special Spec.
Controlling Number
Varistor Volage
(VlmA)
180
18x100=18V
330
33x100=33V
Packaging
R
Reel
TVM-SERIES Part Number Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com