Electronic Components Datasheet Search
  English  ▼

X  

BPF Datasheet(PDF) 3 Page - Bellnix Co.,Ltd.

Part # BPF
Description  Compact and high efficiency power factor correction unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BPF Datasheet(HTML) 3 Page - Bellnix Co.,Ltd.

  BPF Datasheet HTML 1Page - Bellnix Co.,Ltd. BPF Datasheet HTML 2Page - Bellnix Co.,Ltd. BPF Datasheet HTML 3Page - Bellnix Co.,Ltd. BPF Datasheet HTML 4Page - Bellnix Co.,Ltd. BPF Datasheet HTML 5Page - Bellnix Co.,Ltd. BPF Datasheet HTML 6Page - Bellnix Co.,Ltd. BPF Datasheet HTML 7Page - Bellnix Co.,Ltd. BPF Datasheet HTML 8Page - Bellnix Co.,Ltd. BPF Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Compact and high efficiency power factor correction unit
BPF Series
3
Bellnix
DC-DC Converter
BDD20160127
4. Specifications and standards
This product is RoHS compliant.
4-1 Input characteristics
Parameter
Specifications and standards
Conditions
Input voltage *1
AC 85 ~ 264V (rated 100 / 200V)
Power factor correction operating rage
AC 85 ~ 255V
Input frequency
AC 45 ~ 65Hz (rated 50 / 60Hz)
Input current
2.7A typ.,
1.3Atyp
For input voltage 100V
For input voltage 200V
Power factor
0.98 typ.
For input voltage 100V and rated load
0.95 typ.
For input voltage 200V and rated load
Inrush current *2
11A max.
For input voltage 100V
26.5A max.
For input voltage 200V
Leakage current
0.25mA max.
For input voltage 100V
0.5mA max.
For input voltage 200V
*1Outside the voltage range for power factor correction the module functions as rectifier. The output
voltage is obtained from the input voltage by full-wave rectification.
*2 Cold start, no external capacitor. Excluding inrush current to input filter.
Output characteristics and functions
Parameter
Specifications and standards
Conditions
Rated output voltage
360V
Output
voltage
setting
accuracy
±3%
Adjustable output voltage
range
Fixed
Output current
0 to 0.7A
Input fluctuation
±0.2% typ.
±1% max.
For input fluctuation in the range 85~255V
Load fluctuation
±0.1% typ.
±1% max.
For load fluctuation in the range 0~0.7A
Temperature fluctuation
±0.3% typ.
±2% max.
For temperature fluctuation in the range -
20~+50°C
Ripple noise
11Vp-p typ.,
20Vp-p max.
BW = 20MHz
Efficiency
94% typ.
For input voltage 100V and rated output
96% typ.
For input voltage 200V and rated output
Overcurrent protection
Operates at 105%
or higher
Constant power control, voltage drooping type
Under voltage lock out
Yes
Activation voltage: AC75V typ.
Deactivation voltage: AC65V typ.
*1, *2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com