Electronic Components Datasheet Search
  English  ▼

X  

BPF Datasheet(PDF) 9 Page - Bellnix Co.,Ltd.

Part # BPF
Description  Compact and high efficiency power factor correction unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BPF Datasheet(HTML) 9 Page - Bellnix Co.,Ltd.

Back Button BPF Datasheet HTML 2Page - Bellnix Co.,Ltd. BPF Datasheet HTML 3Page - Bellnix Co.,Ltd. BPF Datasheet HTML 4Page - Bellnix Co.,Ltd. BPF Datasheet HTML 5Page - Bellnix Co.,Ltd. BPF Datasheet HTML 6Page - Bellnix Co.,Ltd. BPF Datasheet HTML 7Page - Bellnix Co.,Ltd. BPF Datasheet HTML 8Page - Bellnix Co.,Ltd. BPF Datasheet HTML 9Page - Bellnix Co.,Ltd. BPF Datasheet HTML 10Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Compact and high efficiency power factor correction unit
BPF Series
9
Bellnix
DC-DC Converter
BDD20160127
7-3 Under voltage lock out
The unit is equipped with under voltage lock out (UVLO) function preventing malfunction when input
voltage is low. When input voltage reaches the operation start voltage (75V typ), the unit starts switching
operation. If the input voltage falls to operation stop voltage (65V typ), the switching operation is stopped.
7-4 Output overvoltage protection
When the output voltage exceeds the threshold of the output overvoltage protection function, the unit
stops switching operation. However, the function does not activate if overvoltage is caused by damaged unit.
7-5 Overcurrent protection
When output current exceeds the threshold of the overcurrent protection and the overcurrent condition
occurs, the output power is limited by lowering the output voltage. When the overcurrent condition is
canceled, the output voltage will be restored automatically.
7-6 P-Good output
When the output voltage reaches 320V (typ.), terminals P-Good and SGND close after 200 ms (typ.) (low
impedance), and open (high impedance) when the output voltage reaches 260V typ.
Even if the ON/OFF control is turned OFF, the P-Good output functions when the output voltage exceeds
the threshold value.
The output is open collector output of internal photo coupler. (Applicable voltage: 30V max.)
When the P-Good output is not used, leave the PG terminal open or connect it to SGND.
VAUX
PG
SGND
10kΩ
本体内部
外側
Fig.b P-Good connection circuit example.
8. Expected life
The expected life is given in the following table.
Ambient
temperature
Average load
factor
Expected life
Below 40°C
80%
7 years
(For input voltage 100V)
Internal connection
External connection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com