Electronic Components Datasheet Search
  English  ▼

X  

BPF Datasheet(PDF) 1 Page - Bellnix Co.,Ltd.

Part # BPF
Description  Compact and high efficiency power factor correction unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BPF Datasheet(HTML) 1 Page - Bellnix Co.,Ltd.

  BPF Datasheet HTML 1Page - Bellnix Co.,Ltd. BPF Datasheet HTML 2Page - Bellnix Co.,Ltd. BPF Datasheet HTML 3Page - Bellnix Co.,Ltd. BPF Datasheet HTML 4Page - Bellnix Co.,Ltd. BPF Datasheet HTML 5Page - Bellnix Co.,Ltd. BPF Datasheet HTML 6Page - Bellnix Co.,Ltd. BPF Datasheet HTML 7Page - Bellnix Co.,Ltd. BPF Datasheet HTML 8Page - Bellnix Co.,Ltd. BPF Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Compact and high efficiency power factor correction unit
BPF Series
1
Bellnix
DC-DC Converter
BDD20160127
The BPF Series devices are power factor correction units that achieve unprecedented
high efficiency using the latest semiconductor technology. Because of the high
efficiency the heating value of the unit is low, allowing operation even with natural air
cooling. There are no restrictions on fan air cooling or heat radiator construction, so it
can be used in any applications and conditions.
Furthermore, since the unit contains output from internal auxiliary +12V power source,
it does not require special power source in equipment for operation in standby mode.
High capacity of 100mA allows to use the unit directly as a drive power source for
inverters and other devices.
■ Characteristics
・Output voltage accuracy ±3%
・PowerGood output function
・High efficiency 94%/96% (100V/200V)
(open collector)
・High power factor 0.98/0.96(100V/200V)
・Auxiliary power output (+12V ,100mA)
Non-isolated type converter
・
Operating temperature −20°C ~ +70°C
・Internal overcurrent protection circuit
Natural air cooling up to +50°C without derating
・Undervoltage protection
(temperature derating required if temperature above +50°C)
・ON/OFF control
・Noise terminal voltage: VCCI CISPR22 ClassB
・Output overvoltage protection
・RoHS compliant
■ Models and ratings
Table1
Models
BPF Series
Power
W
Input V
Vac
Output V
Vdc
Output I
A
Efficiency
%(typ.)
Power factor
(typ.)
BPF-360S0R7
250
85~264
360
0.7
94 (100Vin)
96 (200Vin)
0.98 (100Vin)
0.96 (200Vin)
Note 1: Depending on ambient temperature, temperature derating and forced air cooling may be required.
■ Specifications
Table 2
Input voltage range *1
AC85~264V
Rated input voltage
AC100/200V
Rated output voltage
DC360V
Output voltage
accuracy
±3%
Input fluctuation
0.2% typ. (Rated output for input voltage range given in the Table 1)
Load fluctuation
0.1% typ. (Rated input/output voltage, for load varying from 0 to 100%)
Ripple noise
11Vp-p typ. (Rated input/output, measurement frequency bandwidth 20MHz)
Efficiency
94% typ. (input voltage AC100V)
96%typ. (input voltage AC200V), for rated load
Power factor
0.98 typ. (input voltage AC100V)
0.95typ. (input voltage AC200V)
for rated load
Inrush current *2
Up to 11A (input voltage AC100V)
up to 26.5A (input voltage AC200V)
Leakage current
Up to 0.25mA (input voltage AC100V)
up to 0.5mA (input voltage AC200V)
Overcurrent protection
Yes
Under voltage lock out
Yes
Output overvoltage
protection
Yes
Remote ON/OFF
Yes
P-Good output
Yes
Auxiliary power source
output
12V±10%, 100mA
Noise terminal voltage
VCCI
CISPR22:ClassB
Operating temperature
range
−20°C to +70°C (refer to temperature derating on separate sheet)
Storage temperature
range
-40°C ~ +90°C
Humidity range
20 ~ 95%R.H. (max. wet bulb temperature 69°C without condensation)
Cooling conditions
Natural air cooling
Weight
200g typ.
Outer dimensions
W=100 L=90 H=38.1 (mm)
(Refer to outer dimensions on separate dimension/shape specifications)
*1 The operating range of the power factor correction function is AC85
–255V.
*2 Cold start, no external capacitor. Excluding inrush current to input filter.
The above specifications are provided for rated values, unless otherwise specified.
The contents of this datasheet may be changed for improvement or other purposes at any time without prior notice.


Similar Part No. - BPF

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
BPF-2A-1500 MERRIMAC-BPF-2A-1500 Datasheet
162Kb / 1P
BIPHASE MODULATORS
BPF-2A-2250 MERRIMAC-BPF-2A-2250 Datasheet
162Kb / 1P
BIPHASE MODULATORS
BPF-2A-250 MERRIMAC-BPF-2A-250 Datasheet
162Kb / 1P
BIPHASE MODULATORS
BPF-2A-500 MERRIMAC-BPF-2A-500 Datasheet
162Kb / 1P
BIPHASE MODULATORS
logo
BOSER Technology Co., L...
BPF-3012-E BOSER-BPF-3012-E Datasheet
352Kb / 1P
12.1 Fanless Panel PC with Touch Screen, V4 Eden, 4 COM, 4 USB, 12V DC Adapter
More results

Similar Description - BPF

ManufacturerPart #DatasheetDescription
logo
Sensitron
PFCU-1500 SENSITRON-PFCU-1500 Datasheet
280Kb / 4P
POWER FACTOR CORRECTION UNIT
logo
ON Semiconductor
NCL30001 ONSEMI-NCL30001 Datasheet
280Kb / 31P
High-Efficiency Single Stage Power Factor Correction and Step-Down Offline LED Driver
March, 2010 ??Rev. 0
logo
Unisonic Technologies
8565 UTC-8565 Datasheet
368Kb / 13P
HIGH PERFORMANCE POWER FACTOR CORRECTION
logo
ON Semiconductor
NCP1652 ONSEMI-NCP1652_10 Datasheet
346Kb / 34P
High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1652DR2G ONSEMI-NCP1652DR2G Datasheet
346Kb / 34P
High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652ADR2G ONSEMI-NCP1652ADR2G Datasheet
346Kb / 34P
High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1615 ONSEMI-NCP1615_16 Datasheet
1Mb / 46P
High Voltage High Efficiency Power Factor Correction Controller
June, 2016 ??Rev. 8
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
NCP1616 ONSEMI-NCP1616 Datasheet
1Mb / 35P
High Voltage High Efficiency Power Factor Correction Controller
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com