Electronic Components Datasheet Search
  English  ▼

X  

BPF Datasheet(PDF) 7 Page - Bellnix Co.,Ltd.

Part # BPF
Description  Compact and high efficiency power factor correction unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BPF Datasheet(HTML) 7 Page - Bellnix Co.,Ltd.

Back Button BPF Datasheet HTML 2Page - Bellnix Co.,Ltd. BPF Datasheet HTML 3Page - Bellnix Co.,Ltd. BPF Datasheet HTML 4Page - Bellnix Co.,Ltd. BPF Datasheet HTML 5Page - Bellnix Co.,Ltd. BPF Datasheet HTML 6Page - Bellnix Co.,Ltd. BPF Datasheet HTML 7Page - Bellnix Co.,Ltd. BPF Datasheet HTML 8Page - Bellnix Co.,Ltd. BPF Datasheet HTML 9Page - Bellnix Co.,Ltd. BPF Datasheet HTML 10Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Compact and high efficiency power factor correction unit
BPF Series
7
Bellnix
DC-DC Converter
BDD20160127
6-2 Description of terminals
1) Power supply input connectorCN1 (B3P5-VH: made by J.S.T. Connector)
Pin
Name
Function
1
AC(L)
AC power supply terminal
3
AC(N)
AC power supply terminal
5
FG
Frame ground terminal
2) Output connector CN2 (B3P-VH: made by J.S.T. Connector)
Pin
Name
Function
1
VOUT
Output terminal.
2
NC
Not connected. Do not connect it electrically.
3
PGND
Output reference terminal.
3) Control connector CN3 (B4B-XH-A: made by J.S.T. Connector)
Pin
Name
Function
1
VAUX
+12V auxiliary power supply output terminal
2
ON/OFF
Remote ON/OFF control input terminal
3
PG
P-Good output
4
SGND
GND for VAUX output. Connected to PGND internally.
6-3 Lot No indication
1) 4 digits indication following the example of production lot number (3 digits for the first lot of the month.
6
2
N
その月のLot.(初 = 無し、第2 = 2、3、4)
製造月(1~9、10月 = O、11月 = N、12月 = D)
製造年(西暦末尾2桁)
(2016年11月製造、その月の第2Lot.の場合)
(2016年4月製造、その月の初Lot.の場合)
6
4
1
1
例)
(Manufactured April 2016, first lot of the month)
(Manufactured November 2016, second lot of the month)
Number of lot of this month (1st=no, 2nd=2, 3, 4)
Month of manufacture (Jan-Sep, Oct=O, Nov=N, Dec = D
Year of manufacture (2 lower digits)
Example:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com