Electronic Components Datasheet Search
  English  ▼

X  

BPF Datasheet(PDF) 4 Page - Bellnix Co.,Ltd.

Part # BPF
Description  Compact and high efficiency power factor correction unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BPF Datasheet(HTML) 4 Page - Bellnix Co.,Ltd.

  BPF Datasheet HTML 1Page - Bellnix Co.,Ltd. BPF Datasheet HTML 2Page - Bellnix Co.,Ltd. BPF Datasheet HTML 3Page - Bellnix Co.,Ltd. BPF Datasheet HTML 4Page - Bellnix Co.,Ltd. BPF Datasheet HTML 5Page - Bellnix Co.,Ltd. BPF Datasheet HTML 6Page - Bellnix Co.,Ltd. BPF Datasheet HTML 7Page - Bellnix Co.,Ltd. BPF Datasheet HTML 8Page - Bellnix Co.,Ltd. BPF Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Compact and high efficiency power factor correction unit
BPF Series
4
Bellnix
DC-DC Converter
BDD20160127
Parameter
Specifications and standards
Conditions
ON/OFF control
Yes
CN3 ON/OFF terminal
Photo coupler input (20mA max)
Current flows: OFF
Open: ON
With reference to CN3 SGND
terminal
P-Good output
CN3: between PG
–SGND terminals
Open collector output (30V max, 10mA max)
Normal output: closed (0.4V max)
Output low: open
Closes
200ms
after
the
output voltage reaches 320V
or higher.
Open when output voltage
lowers to 260V or lower
Output overvoltage
protection
Yes
Switching stop, automatic restoration
Operating
threshold:
410V
typ.
Instantaneous power
failure time *3
20ms: output voltage 260V min.
For rated input
Start-up time
400 ms typ, 1s max
For input voltage 100V
Auxiliary power
source output
12V±10%, 100mA
Ripple noise:
200mVp-p
typ,
500mVp-p
max
Maximum load
capacitance
230 µF
For input voltage 240V
*1 Measured using measurement circuit in the chapter 4-2.
*2 Unless otherwise mentioned, measured at rated input, rated output and ambient temperature 25°C±5°C.
*3 Without external capacitor. For 0.7A (CC mode) load.
4-2 Measurement circuit
BPF
Vin
V
SGND
VAUX
PG
ON/OFF
2
1
4
3
AC(L)
AC(N)
FG
CN1
5
3
1
P-GOOD
C1
受動プローブ
C1:0.1µF フィルムコンデンサ
オシロスコープ
(リップル・
ノイズの測定)
W
ON/OFF
GND
Load1
A
V
PGND
VOUT
CN2
1
3
Load2
A
2.2kΩ
10kΩ
C2
C3
C2,3:0.01µF 積層セラミックコンデンサ ※Optional
Oscilloscope
(ripple noise
measurement)
Passive probe
C1: 0.1μF film capacitor
C2,3: 0.01μF layered ceramic capacitor *Optional



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com