Electronic Components Datasheet Search
  English  ▼

X  

BPF Datasheet(PDF) 8 Page - Bellnix Co.,Ltd.

Part # BPF
Description  Compact and high efficiency power factor correction unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BPF Datasheet(HTML) 8 Page - Bellnix Co.,Ltd.

Back Button BPF Datasheet HTML 2Page - Bellnix Co.,Ltd. BPF Datasheet HTML 3Page - Bellnix Co.,Ltd. BPF Datasheet HTML 4Page - Bellnix Co.,Ltd. BPF Datasheet HTML 5Page - Bellnix Co.,Ltd. BPF Datasheet HTML 6Page - Bellnix Co.,Ltd. BPF Datasheet HTML 7Page - Bellnix Co.,Ltd. BPF Datasheet HTML 8Page - Bellnix Co.,Ltd. BPF Datasheet HTML 9Page - Bellnix Co.,Ltd. BPF Datasheet HTML 10Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Compact and high efficiency power factor correction unit
BPF Series
8
Bellnix
DC-DC Converter
BDD20160127
7. Various functions
7-1 Capacitance of external output capacitor
Output holding time can be extended be connecting external output capacitor. Capacitance of the
capacitor can be calculated using the following expression.
out
P
V
V
C
C
t
/
)
(
)
(
2
1
2
2
2
1
2
1
t: Holding time at instantaneous failure (sec.)
V1: Output voltage=360V (V)
V2: Minimal held voltage at instantaneous failure
(V)
C1: Capacitance of internal capacitor=270uF (F)
C2: Capacitance of external capacitor (F)
Pout: Actual load power (W)
*Select the capacitance of the external capacitor within the range of the maximum load capacitance.
Note that connecting the external capacitor increases the inrush current.
7-2 ON/OFF control
This function allows turning the power factor correction ON and OFF. ON/OFF control of the standby power is
not supported. Setting the ON/OFF terminal (CN3 Pin 2) High or Low (relatively to SGND terminal (CN3 3Pin)) it
is possible to turn the power factor correction function ON or OFF. By combining with the auxiliary power supply,
it is possible to perform ON/OFF control by opening and closing the circuit.
Although the switching operation is stopped when the output is OFF, voltage of approximately 1.41 x input
voltage is generated on output terminal through diode rectification.
Avoid chattering on ON/OFF terminal. The chattering may cause malfunction of internal circuits.
The terminal is connected internally to the light-emitting side (diode) of a photo coupler. (20mA max)
When the ON/OFF control is not used, leave the ON/OFF terminal open or connect it to SGND.
VAUX
ON/OFF
SGND
2.2kΩ
本体内部
外側
SW1
Fig.a Example of connection circuit when the ON/OFF control is used.
SW1 closed: ON, open: OFF
Internal connection
External connection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com