Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM76005 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 17Page - Texas Instruments LM76005 Datasheet HTML 18Page - Texas Instruments LM76005 Datasheet HTML 19Page - Texas Instruments LM76005 Datasheet HTML 20Page - Texas Instruments LM76005 Datasheet HTML 21Page - Texas Instruments LM76005 Datasheet HTML 22Page - Texas Instruments LM76005 Datasheet HTML 23Page - Texas Instruments LM76005 Datasheet HTML 24Page - Texas Instruments LM76005 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
SW
PVIN
PGND
BOOT
VCC
BIAS
SYNC
RT
PGOOD
EN
SS/TRK
AGND
FB
LM76005
C
OUT
C
BOOT
C
IN
C
VCC
C
BIAS
R
FBT
R
FBB
C
FF
L
Tie BIAS to PGND
when V
OUT < 3.3 V
V
IN
V
OUT
21
LM76005
www.ti.com
SNVSBK5 – FEBRUARY 2020
Product Folder Links: LM76005
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM76005 is a step-down DC-DC converter. It is typically used to convert a higher DC voltage to a lower DC
voltage with a maximum output current of 5 A. The following design procedure can be used to select component
values for the LM76005. Alternately, the WEBENCH® software may be used to generate a complete design. The
WEBENCH software uses an iterative design procedure and accesses a comprehensive database of
components when generating a design.
8.2 Typical Applications
The LM76005 only requires a few external components to convert from a wide range of supply voltages to output
voltage, as shown in Figure 15:
Figure 15. LM76005 Basic Schematic
The LM76005 also integrates a full list of features to aid system design requirements, such as the following:
•
VCC UVLO
•
Programmable soft start
•
Start-up tracking
•
Programmable switching frequency
•
Clock synchronization
•
Power-good indication
Each system can select the features needed in a specific application. A comprehensive schematic with all
features utilized is shown in Figure 16:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com