Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM76005 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 4Page - Texas Instruments LM76005 Datasheet HTML 5Page - Texas Instruments LM76005 Datasheet HTML 6Page - Texas Instruments LM76005 Datasheet HTML 7Page - Texas Instruments LM76005 Datasheet HTML 8Page - Texas Instruments LM76005 Datasheet HTML 9Page - Texas Instruments LM76005 Datasheet HTML 10Page - Texas Instruments LM76005 Datasheet HTML 11Page - Texas Instruments LM76005 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
LM76005
SNVSBK5 – FEBRUARY 2020
www.ti.com
Product Folder Links: LM76005
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Ensured by design
6.6 Timing Characteristics
MIN
NOM
MAX
UNIT
CURRENT LIMITS AND HICCUP
NOC
(1)
Number of switching cycles before
hiccup is tripped
128
Cycles
tOC
Overcurrent hiccup retry delay time
46
ms
SOFT START (SS/TRK PIN)
tSS
Internal soft-start time
CSS = OPEN, from EN rising edge to
PGOOD rising edge
3.5
6.3
ms
POWER GOOD (PGOOD PIN) and OVERVOLTAGE PROTECTION
tPGOOD_RISE
PGOOD rising edge deglitch delay
80
140
200
µs
tPGOOD_FALL
PGOOD falling edge deglitch delay
80
140
200
µs
6.7 Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM LIMITS (SW PINS)
tON-MIN
Minimum switch on-time
65
95
ns
tOFF-MIN
Minimum switch off-time
95
130
ns
tON-MAX
Maximum switch on-time
HS timeout in dropout
3.8
8
11.4
µs
OSCILLATOR (RT and SYNC PINS)
fOSC
Internal oscillator frequency
RT = Open
440
500
560
kHz
fADJ
Minimum adjustable frequency by RT or
SYNC
RT =133 kΩ, 0.1%
270
300
330
kHz
Maximum adjustable frequency by RT or
SYNC
RT = 79.07 kΩ, 0.1%
440
500
560
kHz
VSYNC_HIGH
Sync input high level threshold
2
V
VSYNC_LOW
Sync input low level threshold
0.4
V
VMODE_HIGH
Mode input high level threshold for
FPWM
0.42
V
VMODE_LOW
Mode input low level threshold for AUTO
mode
0.4
V
tSYNC_MIN
Sync input minimum on- and off-time
80
ns
6.8 System Characteristics
The following specifications apply to the circuit found in the typical schematic with appropriate modifications. These
parameters are not tested in production and represent typical performance only. Unless otherwise stated the following
conditions apply: TA = 25°C, VIN = 24 V, VOUT = 3.3 V, fSW = 500 kHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB_PFM
Output voltage offset at no load in
auto mode
VIN = 3.8 V to 36 V, VSYNC = 0 V, auto mode IOUT = 0
A
2%
Vdrop
Minimum input to output voltage
differential to maintain specified
accuracy
VOUT = 5 V, IOUT = 1.5 A, fSW = 400 kHz
0.65
V
IQ_SW
Operating quiescent current
(switching)
VEN = 3.3 V, IOUT = 0 A, RT = open, VBIAS = VOUT =
3.3 V, RFBT = 1 Meg
15
µA
IPEAK_MIN
Minimum inductor peak current
VSYNC = 0 V, IOUT = 10 mA
1
A
IBIAS_SW
Operating quiescent current from
external VBIAS (switching)
fSW = 500 kHz, IOUT = 1 A
7
mA
DMAX
Maximum switch duty cycle
While in frequency foldback
97.5%
tDEAD
Dead time between high-side and
low-side MOSFETs
4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com