Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM76005 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 9Page - Texas Instruments LM76005 Datasheet HTML 10Page - Texas Instruments LM76005 Datasheet HTML 11Page - Texas Instruments LM76005 Datasheet HTML 12Page - Texas Instruments LM76005 Datasheet HTML 13Page - Texas Instruments LM76005 Datasheet HTML 14Page - Texas Instruments LM76005 Datasheet HTML 15Page - Texas Instruments LM76005 Datasheet HTML 16Page - Texas Instruments LM76005 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
EN _ VOUT _ H
ENT
ENB
IN _ ON _ H
EN_VOUT_H
V
R
R
V
V
u
VIN
ENABLE
RENT
RENB
13
LM76005
www.ti.com
SNVSBK5 – FEBRUARY 2020
Product Folder Links: LM76005
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
7.3.4 Enable (EN Pin) and UVLO
System UVLO by EN and VCC_UVLO voltage on the EN pin (VEN) controls the ON/OFF functionality of the
LM76005. Applying a voltage less than 0.3 V to the EN input shuts down the operation of the LM76005. In
shutdown mode, the quiescent current drops to typically 1.2 µA at VIN = 24 V.
The internal LDO output voltage VCC is turned on when VEN_VOUT_H is higher than 1.2 V. The LM76005 switching
action and output regulation are enabled when VEN is greater than 1.204 V (typical). The LM76005 supplies
regulated output voltage when enabled and output current up to 5 A. The EN pin is an input and cannot be open
circuit or floating. The simplest way to enable the operation of the LM76005 is to connect the EN pin to PVIN
pins directly. This allows self-start-up of the LM76005 when VIN is within the operation range.
Many applications can benefit from the employment of an enable divider RENT and RENB (see Figure 8) to
establish a precision system UVLO level for the stage. System UVLO can be used for supplies operating from
utility power as well as battery power. It can be used for sequencing, ensuring reliable operation, or supply
protection, such as a battery. An external logic signal can also be used to drive EN input for system sequencing
and protection.
Figure 8. VIN UVLO
With a selected RENT, the RENB can be calculated by:
where
•
VIN_ON_H is the desired supply voltage threshold to turn on this device
•
VEN_VOUT_H can be taken from device data sheet
(4)
Note that the divider adds to supply quiescent current by VIN / (RENT + RENB). Small RENT and RENB values add
more quiescent current loss. However, large divider values make the node more sensitive to noise. RENT in the
hundreds of k
Ω range is a good starting point.
7.3.5 Internal LDO, VCC UVLO, and Bias Input
The LM76005 has an internal LDO generating VCC voltage for control circuitry and MOSFET drivers. The
nominal voltage for VCC is 3.29 V. The VCC pin must have a 1-µF to 4.7-µF bypass capacitor placed as close
as possible to the pin and properly grounded. Do not load or short the VCC pin to ground during operation.
Shorting the VCC pin to ground during operation can damage the device.
A UVLO prevents the LM76005 from operating until the VCC voltage exceeds VCC_UVLO. The VCC_UVLO threshold
is 3.14 V and has approximately 565 mV of hysteresis, so the device operates until VCC drops below 2.575 V
(typical). Hysteresis prevents the device from turning off during power up if VIN droops due to input current
demands.
The LDO can generate VCC from two inputs: the supply voltage VIN and the BIAS input. The LDO power loss is
calculated by ILDO × (VINLDO – VOUTLDO). The higher the difference between the input and output voltages of the
LDO, the more losses occur to supply the same LDO output current. The BIAS input is designed to reduce the
difference of the input and output voltages of the LDO to improve efficiency, especially at light load. TI
recommends tying the BIAS pin to VOUT when the output voltage is equal to or greater than 3.3 V. Tie the BIAS
pin to ground for applications less than 3.3 V. BIAS can also tie to external voltage source if available to improve
efficiency. When used, TI recommends a 1-µF to 10-µF high-quality ceramic capacitor be used to bypass the
BIAS pin to ground. If there is high-frequency noise or voltage spikes present on VOUT (during transient events or
fault conditions), TI recommends connecting a resistor (1 to 10
Ω) between VOUT and BIAS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com