Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM76005 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 28Page - Texas Instruments LM76005 Datasheet HTML 29Page - Texas Instruments LM76005 Datasheet HTML 30Page - Texas Instruments LM76005 Datasheet HTML 31Page - Texas Instruments LM76005 Datasheet HTML 32Page - Texas Instruments LM76005 Datasheet HTML 33Page - Texas Instruments LM76005 Datasheet HTML 34Page - Texas Instruments LM76005 Datasheet HTML 35Page - Texas Instruments LM76005 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
32
LM76005
SNVSBK5 – FEBRUARY 2020
www.ti.com
Product Folder Links: LM76005
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9 Power Supply Recommendations
The LM76005 is designed to operate from an input voltage supply range between 3.5 V and 60 V. This input
supply must be able to withstand the maximum input current and maintain a voltage above 3.5 V. The resistance
of the input supply rail must be low enough that an input current transient does not cause a high enough drop at
the LM76005 supply voltage that can cause a false UVLO fault triggering and system reset.
If the input supply is located more than a few inches from the LM76005, additional bulk capacitance can be
required in addition to the ceramic bypass capacitors. The amount of bulk capacitance is not critical, but a 47-µF
or 100-µF electrolytic capacitor is a typical choice.
10 Layout
10.1 Layout Guidelines
The performance of any switching converter depends as much upon the layout of the PCB as the component
selection. The following guidelines will help the user design a circuit with maximum rejection of outside EMI and
minimum generation of unwanted EMI.
1. Place ceramic high frequency bypass CIN as close as possible to the LM76005 PVIN and PGND pins.
Grounding for both the input and output capacitors must consist of localized top-side planes that connect to
the PGND pins and PAD.
2. Place bypass capacitors for VCC and BIAS close to the pins and ground the bypass capacitors to device
ground.
3. Minimize trace length to the FB pin. Both feedback resistors, RFBT and RFBB, must be located close to the FB
pin. Place CFF directly in parallel with RFBT. If VOUT accuracy at the load is important, make sure VOUT sense
is made at the load. Route the VOUT sense path away from noisy nodes and preferably through a layer on the
other side of a shielding layer.
4. Use ground plane in one of the middle layers as noise shielding and heat dissipation path. Have a single
point ground connection to the plane. Route the ground connections for the feedback, soft start, and enable
components to the ground plane. This prevents any switched or load currents from flowing in the analog
ground traces. If not properly handled, poor grounding can result in degraded load regulation or erratic output
voltage ripple behavior.
5. Make VIN, VOUT and ground bus connections as wide as possible. This reduces any voltage drops on the
input or output paths of the converter and maximizes efficiency.
6. Provide adequate device heat-sinking. Use an array of heat-sinking vias to connect the exposed pad to the
ground plane on the bottom PCB layer. If the PCB has multiple copper layers, these thermal vias can also be
connected to inner layer heat-spreading ground planes. Ensure enough copper area is used for heat-sinking
to keep the junction temperature below 125°C.
10.1.1 Layout Highlights
1. Minimize the area of switched current loops. From an EMI reduction standpoint, it is imperative to minimize
the high di/dt paths during PC board layout as shown in the figure above. The high current loops that do not
overlap have high di/dt content that causes observable high frequency noise on the output pin if the input
capacitor CIN is placed at a distance away from the LM76005. Therefore, place CIN as close as possible to
the LM76005 PVIN and PGND pins. This minimizes the high di/dt area and reduce radiated EMI.
Additionally, grounding for both the input and output capacitor must consist of a localized top-side plane that
connects to the PGND pin.
2. Have a single point ground. The ground connections for the feedback, soft-start, and enable components
must be routed to the AGND pin of the device. This prevents any switched or load currents from flowing in
the analog ground traces. If not properly handled, poor grounding can result in degraded load regulation or
erratic output voltage ripple behavior.
3. Minimize trace length to the FB pin net. Place both feedback resistors, RFBT and RFBB, close to the FB pin.
Because the FB node is high impedance, maintain the copper area as small as possible. Route the traces
from RFBT, RFBB away from the body of the LM76005 to minimize possible noise pickup. Place Cff directly in
parallel with RFBT.
4. Make input and output bus connections as wide as possible. This reduces any voltage drops on the input or
output of the converter and maximizes efficiency. To optimize voltage accuracy at the load, ensure that a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com