Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM76005 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 24Page - Texas Instruments LM76005 Datasheet HTML 25Page - Texas Instruments LM76005 Datasheet HTML 26Page - Texas Instruments LM76005 Datasheet HTML 27Page - Texas Instruments LM76005 Datasheet HTML 28Page - Texas Instruments LM76005 Datasheet HTML 29Page - Texas Instruments LM76005 Datasheet HTML 30Page - Texas Instruments LM76005 Datasheet HTML 31Page - Texas Instruments LM76005 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
VOUT
VSW
(500 mA/
DIV)
Time (4 ms/DIV)
IINDUCTOR
(20 mV/DIV)
(5 V/DIV)
VOUT
VSW
(500 mA/
DIV)
Time (4 ms/DIV)
IINDUCTOR
(20 mV/DIV)
(10 V/DIV)
Input Voltage (V)
4.5
5
5.5
6
6.5
3.8
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
drop
ILOAD = 2.5 A
ILOAD = 5 A
Input Voltage (V)
5
5.5
6
6.5
7
0
5E+4
1E+5
1.5E+5
2E+5
2.5E+5
3E+5
3.5E+5
4E+5
4.5E+5
5E+5
drop
ILOAD = 2.5 A
ILOAD = 5 A
Load Current (A)
0.001
0.01 0.02
0.05 0.1 0.2
0.5
1
2 3 4 5
5
60
65
70
75
80
85
90
95
100
Quik
VIN = 12 V
VIN = 24 V
Load Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
4.8
4.84
4.88
4.92
4.96
5
5.04
5.08
5.12
5.16
5.2
Quik
VIN = 12 V
VIN = 24 V
28
LM76005
SNVSBK5 – FEBRUARY 2020
www.ti.com
Product Folder Links: LM76005
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.2.3 Application Curves
Unless otherwise specified the following conditions apply:
VOUT = 5 V
fSW = 400 kHz
Auto Mode
Figure 18. LM76005 Efficiency
VOUT = 5 V
fSW = 400 kHz
Auto Mode
Figure 19. LM76005 Load and Line Regulation
VOUT = 5 V
fSW = 400 kHz
FPWM Mode
Figure 20. LM76005 Voltage Dropout
VOUT = 5 V
fSW = 400 kHz
FPWM Mode
Figure 21. LM76005 Frequency Dropout
VIN = 12 V
VOUT = 5 V
fSW = 400 kHz
No Load
Auto Mode
Figure 22. LM76005 Switching Waveform and Output
Ripple
VIN = 24 V
VOUT = 5 V
fSW = 400 kHz
No Load
Auto Mode
Figure 23. LM76005 Switching Waveform and Output
Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com