Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM76005 Datasheet(HTML) 4 Page - Texas Instruments

  LM76005 Datasheet HTML 1Page - Texas Instruments LM76005 Datasheet HTML 2Page - Texas Instruments LM76005 Datasheet HTML 3Page - Texas Instruments LM76005 Datasheet HTML 4Page - Texas Instruments LM76005 Datasheet HTML 5Page - Texas Instruments LM76005 Datasheet HTML 6Page - Texas Instruments LM76005 Datasheet HTML 7Page - Texas Instruments LM76005 Datasheet HTML 8Page - Texas Instruments LM76005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
LM76005
SNVSBK5 – FEBRUARY 2020
www.ti.com
Product Folder Links: LM76005
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
A = Analog, O = Output, I = Input, G = Ground, P = Power
Pin Functions
PIN
I/O(1)
DESCRIPTION
NO.
NAME
1, 2, 3, 4, 5
SW
P
Switching output of the regulator. Internally connected to the source of the HS FET and
drain of the LS FET. Connect to power inductor and bootstrap capacitor.
6
BOOT
P
Bootstrap capacitor connection for high-side driver. Connect a high-quality 470-nF capacitor
from this pin to the SW pin.
7, 19, 23, 27,
28, 29, 30
NC
—
Not internally connected. Connect to ground copper on PCB to improve heat-sinking of the
device and board level reliability.
8
VCC
P
Output of internal bias supply. Used as supply to internal control circuits. Connect a high-
quality 2.2-µF capacitor from this pin to GND. TI does not recommended loading this pin by
external circuitry.
9
BIAS
P
Optional BIAS LDO supply input. TI recommends tying this to VOUT when 3.3 V ≤ VOUT ≤ 18
V, or tying to an external 3.3-V or 5-V rail if available, to improve efficiency. When used,
place a 1-µF capacitor from this terminal to ground. Tie to ground when not in use.
10
RT
A
Switching frequency setting pin. Place a resistor from this pin to ground to set the switching
frequency. If floating, the default switching frequency is 500 kHz. Do not short to ground.
11
SS/TRK
A
Soft-start control pin. Leave this pin floating to use the 6.3-ms internal soft-start ramp. An
external capacitor can be connected from this pin to ground to extend the soft-start time. A
2-µA current sourced from this pin can charge the capacitor to provide the ramp. Connect
to external ramp for tracking. Do not short to ground.
12
FB
A
Feedback input for output voltage regulation. Connect a resistor divider to set the output
voltage. Never short this terminal to ground during operation.
16
PGOOD
A
Open-drain power-good flag output. Connect to suitable voltage supply through a current
limiting resistor. High = VOUT regulation OK, Low = VOUT regulation fault. PGOOD = Low
when EN = Low
17
SYNC/MODE
A
Synchronization input and mode setting pin. Do not float, tie to ground if not used.
Tie to ground: DCM/PFM operation under light loads, improved efficiency
Tie to logic high: forced PWM under light loads, constant switching frequency over load
Tie to external clock source: synchronize switching action to the clock, forced PWM under
light loads.
Triggers on the rising edge of external clock.
18
EN
A
Precision-enable input to regulator. Do not float. High = on, Low = off. Can be tied to VIN.
Precision-enable input allows adjustable UVLO by external resistor divider.
13, 14, 15
AGND
G
Analog ground. Ground reference for internal references and logic. All electrical parameters
are measured with respect to this pin. Connect to system ground on PCB.
20, 21, 22
PVIN
P
Supply input to internal bias LDO and HS FET. Connect to input supply and input bypass
capacitors CIN. CIN must be placed right next to this pin and PGND and connected with
short traces.
24, 25, 26
PGND
G
Power ground, connected to the source of LS FET internally. Connect to system ground,
DAP/EP, AGND, and ground side of CIN and COUT. Path to CIN must be as short as
possible.
EP
DAP
—
Low impedance connection to AGND. Connect to system ground on PCB. Major heat
dissipation path for the die. Must be used for heat sinking by soldering to ground copper on
PCB. Thermal vias are preferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com