Electronic Components Datasheet Search
  English  ▼

X  

AEK-COM-BLEV1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AEK-COM-BLEV1
Description  Bluetooth communication board based on BlueNRG-1
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AEK-COM-BLEV1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AEK-COM-BLEV1 Datasheet HTML 3Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 4Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 5Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 6Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 7Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 8Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 9Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 10Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3
Schematic diagrams
Figure 5. AEK-COM-BLEV1 schematic diagram (1 of 4)
8
VBAT3
2
DIO10
4
I2C2_CLK
3
1u_0402
RF0
SXTAL1
21
L1
15p_0402
I2C2_DAT
A2
3
1
JTMS-SWTDIO
DIO7
19
18
C6
3
DIO9
DIO8
150n_0402
BALF-NRG-0
100p_0402
XTAL_HS
L3
Q2
15p_0402
C5
DIO6
FXTAL0
17
100n_0402
FXTAL1
XTAL_LS
23
SXTAL0
J2
C4
Q1
TXD
A1
4
B1
1
22
U1
C3
C14
22p_0402
C1
RF1
VBAT2
22p_0402
JTCK-SWTCK
2
2nH_0402
U12
C2
7
VBAT3
DIO5
D3
VBLUE1
SMA connector
2
20
VBAT2
C11
DIO8
L5
DIO4
VBAT1
C12
DIO7
B2
5
DIO7
DIO6
24
BlueNRG-1
1
DIO6
C15
DIO4
DIO5
D1
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com