Electronic Components Datasheet Search
  English  ▼

X  

AEK-COM-BLEV1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AEK-COM-BLEV1
Description  Bluetooth communication board based on BlueNRG-1
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AEK-COM-BLEV1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AEK-COM-BLEV1 Datasheet HTML 4Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 5Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 6Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 7Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 8Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 9Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 10Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 11Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Figure 8. AEK-COM-BLEV1 schematic diagram (4 of 4)
C18
VBLUE1
C20
C16
VBLUE1
1u_0402
100n_0402
C19
VBAT2
C17
VBLUE1
VBAT1
100n_0402
C21
VBAT3
1u_0402
100n_0402
1u_0402
YELLOW
R32
DL1
510_0402
100_0402
SW1
VBLUE
100k_0402
10n_0402
RESETN
RESET
R26
R29
GND
C25
DIO0
11
VBLUE
5
19
JTCK-SWTCK
8
CN7
4
SWD
18
7
14
15
GND
2
3
6
1
RESETN
9
JTMS-SWTDIO
DIO1
20
Male Connector
2x10 HDR straight
JTAG
13
17
ST Link: 3.0-3.6V, 5V tolerant
IAR J-Link: 1.2-3.6V, 5V tolerant
RED
R33
DL2
680_0402
BLUE
R40
DL3
680_0402
10
12
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com