Electronic Components Datasheet Search
  English  ▼

X  

AEK-COM-BLEV1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AEK-COM-BLEV1
Description  Bluetooth communication board based on BlueNRG-1
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AEK-COM-BLEV1 Datasheet(HTML) 2 Page - STMicroelectronics

  AEK-COM-BLEV1 Datasheet HTML 1Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 2Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 3Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 4Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 5Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 6Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 7Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 8Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1
Loading firmware onto the BlueNRG-1 chip
Follow the procedure below to restore the factor firmware on the BlueNRG-1 device.
1.1
Hardware and software requirements
•
ST-LINK/V2 programmer/debugger, which is connected through the evaluation board JTAG port
•
STSW-LINK007 - ST-LINK/V2 firmware upgrade
•
STSW-LINK009 - ST-LINK/V2 Windows driver
•
STSW-BNRG1STLINK - ST-LINK utility required to burn the code in the BlueNRG-1
•
STSW-BLUENRG-DK - design kit containing the Flash image for the BlueNRG-1. After installing the design
kit, go to the installation directory ([Firmware ]>[BLE_Examples]>[DTM]>[BlueNRG-1]) to find the
“DTM_UART.hex” file
1.2
Firmware burning procedure
Step 1.
Connect the ST-LINK/V2 to the PC via USB and to the AEK-COM-BLEV1 evaluation board JTAG port
Step 2.
Run the BlueNRG-1 ST-LINK Utility
AEK-COM-BLEV1
Loading firmware onto the BlueNRG-1 chip
DB4125 - Rev 1
page 2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12