Electronic Components Datasheet Search
  English  ▼

X  

AEK-COM-BLEV1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AEK-COM-BLEV1
Description  Bluetooth communication board based on BlueNRG-1
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AEK-COM-BLEV1 Datasheet(HTML) 1 Page - STMicroelectronics

  AEK-COM-BLEV1 Datasheet HTML 1Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 2Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 3Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 4Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 5Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 6Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 7Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 8Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
•
Based on the BlueNRG-1 Bluetooth low energy system on chip
•
Associated STSW-BLUENRG-DK (BlueNRG-1 development kit software
package) including firmware and documentation
•
Up to +8 dBm available output power (at antenna connector)
•
Excellent receiver sensitivity (-88 dBm)
•
Very low power consumption: 7.7 mA RX and 8.2 mA TX at +0 dBm
•
Bluetooth® low energy compliant: supports master, slave and simultaneous
master-and-slave roles
•
New integrated balun BALF-NRG-02D3 which integrates a matching network
and harmonics filter
•
3 user LEDs
•
JTAG debug connector
•
Pre-programmed as network processor
•
Board size: 60 x 40 mm.
•
Part of the AutoDevKit™ initiative
•
RoHS and WEEE compliant
Description
The AEK-COM-BLEV1 evaluation board is based on the BlueNRG-1 low power
Bluetooth® smart system on chip, compliant with the Bluetooth® specification.
The evaluation board can be connected to a microcontroller via a 12-pin or
alternative 9-pin male connector for SPI, serial interface or I²C communication.
The BlueNRG-1 device is supplied with the network processor software loaded and
ready to process Bluetooth commands. The software image (DTM_UART.hex) is
available in the BlueNRG design kit.
The STSW-AEKBLE firmware provides a straightforward demonstration of the AEK-
COM-BLEV1 board functionality used in conjunction with the AEK-MCU-C4MLIT1
evaluation board with microcontroller.
Product summary
Bluetooth
communication board
based on the
BlueNRG-1
AEK-COM-
BLEV1
Firmware for AEK-
COM-BLEV1 testing
STSW-AEKBLE
Bluetooth® low energy
system-on-chip
BlueNRG-1
Setup for BlueNRG kits
STSW-
BLUENRG-DK
50 Ω, conjugate match
balun to BlueNRG
transceiver, with
integrated harmonic
filter
BALF-
NRG-02D3
Applications
Factory
Automation
Bluetooth Low
Energy
Mobility
Services
Bluetooth communication board based on BlueNRG-1
AEK-COM-BLEV1
Data brief
DB4125 - Rev 1 - February 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - AEK-COM-BLEV1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AEK-COM-10BASET STMICROELECTRONICS-AEK-COM-10BASET Datasheet
1Mb / 16P
10BASE-T1S MAC-PHY evaluation board
16-Dec-2024
AEK-COM-GNSST31 STMICROELECTRONICS-AEK-COM-GNSST31 Datasheet
941Kb / 7P
GNSS evaluation board based on Teseo-LIV3F for SPC5 microcontrollers
03-Feb-2020
More results

Similar Description - AEK-COM-BLEV1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
URM7600100 ETC2-URM7600100 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
URM43 ETC2-URM43 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
URM70 ETC2-URM70 Datasheet
48Kb / 2P
Coaxial communication cable based on BS2316
URM76 ETC2-URM76 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
URM76NH ETC2-URM76NH Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
logo
STMicroelectronics
STEVAL-IDB005V1 STMICROELECTRONICS-STEVAL-IDB005V1 Datasheet
409Kb / 11P
Bluetooth low energy board based on the BlueNRG-MS network processor
29-Apr-2015
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
STEVAL-IDB008V2 STMICROELECTRONICS-STEVAL-IDB008V2 Datasheet
493Kb / 9P
Evaluation platform based on the BlueNRG-2
13-Feb-2018
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IDB05A2 STMICROELECTRONICS-X-NUCLEO-IDB05A2 Datasheet
1Mb / 8P
Bluetooth low energy expansion board based on the BLUENRG-M0 module for STM32 Nucleo
April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com