Electronic Components Datasheet Search
  English  ▼

X  

AEK-COM-BLEV1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AEK-COM-BLEV1
Description  Bluetooth communication board based on BlueNRG-1
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AEK-COM-BLEV1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AEK-COM-BLEV1 Datasheet HTML 4Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 5Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 6Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 7Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 8Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 9Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 10Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 11Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Figure 7. AEK-COM-BLEV1 schematic diagram (3 of 4)
8
R7
I2C2_CLK
2
5
TXD
SPI_CLK
0R0_0603
6
TP3
TP2
GND
1
0R0_0603
R3
R6
0R0_0603
R1
12
V2
TXD
8
CN2
CN1
RXD
0_0402
1
2
3
4
5
DIO7
0_0402
DIO6
DIO12
0_0402
0_0402
CN3
R13
R14
R15
SPI_OUT
I2C2_DAT
4
VBLUE +5V
0R0_0603
0R0_0603
R10
0R0_0603
R9
1
RESETN
R4
R2
4
3
0R0_0603
R7
0R0_0603
SPI_IN
10
6
9
3
7
+5V
SPI_CS
V3
R6
RESETN
R5
R8
2
V1
9
0R0_0603
0R0_0603
0R0_0603
5
V4
7
0R0_0603
RXD
11
TP1
GND
GND
Header 5
DIO13
R16
0_0402
1
2
3
4
5
TEST1
0_0402
DIO14
ADC1
0_0402
0_0402
CN4
R17
R19
R18
Header 5
ADC2
R20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com