Electronic Components Datasheet Search
  English  ▼

X  

AEK-COM-BLEV1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AEK-COM-BLEV1
Description  Bluetooth communication board based on BlueNRG-1
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AEK-COM-BLEV1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AEK-COM-BLEV1 Datasheet HTML 4Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 5Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 6Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 7Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 8Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 9Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 10Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 11Page - STMicroelectronics AEK-COM-BLEV1 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Figure 6. AEK-COM-BLEV1 schematic diagram (2 of 4)
470_0402
R28
VBLUE
VBLUE1
R24
Bypass
4
1u_0402
GREEN
+5V
2
100k_0402
Jumper 2
2
2
1
1
R55
JP5
VBLUE1
TEST
C23
2u2_0402
3
1
33n_0402
Vin
JP1
U3
C22
DL4
C24
6
N.C.
Vout
Vinh
LDS3985PU33R
2
VBLUE
Gnd
5
2u2F-16V-0603
C26
R25
0R_0603
0R-1206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com