Electronic Components Datasheet Search
  English  ▼

X  

LM8207 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8207
Description  TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8207 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM8207 Datasheet HTML 1Page - National Semiconductor (TI) LM8207 Datasheet HTML 2Page - National Semiconductor (TI) LM8207 Datasheet HTML 3Page - National Semiconductor (TI) LM8207 Datasheet HTML 4Page - National Semiconductor (TI) LM8207 Datasheet HTML 5Page - National Semiconductor (TI) LM8207 Datasheet HTML 6Page - National Semiconductor (TI) LM8207 Datasheet HTML 7Page - National Semiconductor (TI) LM8207 Datasheet HTML 8Page - National Semiconductor (TI) LM8207 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
16V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VDD = 16V, VSS =0V,&CLOAD = 100 pF (Gamma & VCOM
Buffers). Boldface limits apply at the temperature extremes. (Note 5)
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 7)
Max
(Note 6)
Units
I
OUT_Gamma
Linear Output Current
(Note 10)
Buffer 1-2
Sourcing
20
46
mA
Sinking
0.2
0.33
Buffer 3-8 & 11-16
Sourcing
10
24.5
Sinking
3.5
5.5
Buffer 9
Sourcing
4.5
9.4
Sinking
15
27
Buffer 10
Sourcing
23
34.8
Sinking
3.5
5.5
Buffer 17-18
Sourcing
0.2
0.33
Sinking
20
50
PSRR
Power Supply Rejection Ratio
V
DD -VSS = 6V to 16V
75
88
dB
V
COM Driver
BW_V
COM
Bandwidth
10
MHz
SR_ V
COM
Slew Rate (Note 8)
4.5
V/µs
T_
REC_VCOM
Output Recovery Time (Note 9)
200
ns
V
IN_VCOM
Input Voltage Range
Positive
V
DD
V
Negative
V
SS +0.6
V
OUT_VCOM
Output Voltage Range
No Load
Positive
V
DD –1.0
V
DD –0.7
V
Negative
V
SS +0.9
V
SS +1.2
I
BIAS_VCOM
Input Bias Current
Within V
COM Buffer Output
Voltage Range
50
nA
V
OS_VCOM
Input Offset Voltage
V
IN =8V
1
10
mV
I
OUT_LIN_VCOM
Linear Output Current
(Notes 10, 11)
Sourcing
160
mA
Sinking
150
I
OUT_SC_VCOM Short Circuit Output Current
(Notes 11, 12)
Sourcing
220
300
mA
Sinking
220
300
PSRR
Power Supply Rejection Ratio
V
DD -VSS = 6V to 16V
75
88
dB
Voltage Reference Section
V
REF
Voltage
No Load
1.28
1.295
1.31
V
Reg
LOAD
Load Regulation
I
OUT = 0 to 10 mA
0.14
mV/mA
V
REF_ACC
Voltage Accuracy
No Load, V
REF = 1.295V
1
%
V
REF_MAX
Max Programming Range
I
OUT =4mA
V
DD −0.3
V
I
IN_VREF
Input Bias Current
Within V
REF Output Voltage
Range
10
50
nA
TC_V
REF
Temperature Stability
70
ppm/˚C
I
OUT_VREF
Max Output Current
Sourcing, V
OUT = 1.295 V
71
mA
PSRR
Power Supply Rejection Ratio
(Line Regulation)
70
80
dB
Miscellaneous
I
S
Supply Current
4.5
6.5
8.5
9.5
mA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications, see the Electrical Characteristics tables.
Note 2: When the output of the VCOM buffer exceeds the supply rails, while sinking or sourcing 100 mA, the VCOM output is susceptible to latch.
Note 3: Human body model, 1.5 k
Ω in series with 100 pF. Machine model, 0Ω in series with 200 pF
Note 4: The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient temperature
is PD =(TJ(MAX) –TA)/θJA. All numbers apply for packages soldered directly onto a PC board.
Note 5: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing condition result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical table under conditions of internal self-heating where TJ > TA.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com