Electronic Components Datasheet Search
  English  ▼

X  

LM8207 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8207
Description  TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8207 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM8207 Datasheet HTML 1Page - National Semiconductor (TI) LM8207 Datasheet HTML 2Page - National Semiconductor (TI) LM8207 Datasheet HTML 3Page - National Semiconductor (TI) LM8207 Datasheet HTML 4Page - National Semiconductor (TI) LM8207 Datasheet HTML 5Page - National Semiconductor (TI) LM8207 Datasheet HTML 6Page - National Semiconductor (TI) LM8207 Datasheet HTML 7Page - National Semiconductor (TI) LM8207 Datasheet HTML 8Page - National Semiconductor (TI) LM8207 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
16V Electrical Characteristics (Continued)
Note 6: All limits are guaranteed by design or statistical analysis.
Note 7: Typical values represent the parametric norm at the time of characterization.
Note 8: Slew Rate is measured for VIN =4VPP. 10% -90% values are used. Slew rate is the average of the rising and falling slew rates
Note 9: 4VPP pulse (50 ns rise time) applied to one side of 100 pF series output capacitance, other side connected to output of buffer. Output to within 0.1% of
input voltage.
Note 10: Linear output current measured at |VOUT -VIN| = 0.1V.
Note 11: This is a momentary test. Continuous large output currents may result in exceeding the maximum power dissipation and damage the device.
Note 12: Short circuit current measured at |VOUT -VIN|=1V.
Connection Diagram
48-Pin TSSOP
20137902
Top View
Pin Descriptions
Pin #
Description
Remark
1
OUT_V
REF
Reference voltage amplifier output
2
NC
No connection
3
IN_1
Input gamma buffer 1
4
IN_2
Input gamma buffer 2
5
IN_3
Input gamma buffer 3
6
IN_4
Input gamma buffer 4
7
IN_5
Input gamma buffer 5
8
IN_6
Input gamma buffer 6
9
IN_7
Input gamma buffer 7
10
IN_8
Input gamma buffer 8
11
IN_9
Input gamma buffer 9
12
V
DD
Positive supply voltage (V
DD)
13
IN_10
Input gamma buffer 10
14
IN_11
Input gamma buffer 11
15
IN_12
Input gamma buffer 12
16
IN_13
Input gamma buffer 13
17
IN_14
Input gamma buffer 14
18
IN_15
Input gamma buffer 15
19
IN_16
Input gamma buffer 16
20
IN_17
Input gamma buffer 17
21
IN_18
Input gamma buffer 18
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com