Electronic Components Datasheet Search
  English  ▼

X  

LM8207 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8207
Description  TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8207 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM8207 Datasheet HTML 13Page - National Semiconductor (TI) LM8207 Datasheet HTML 14Page - National Semiconductor (TI) LM8207 Datasheet HTML 15Page - National Semiconductor (TI) LM8207 Datasheet HTML 16Page - National Semiconductor (TI) LM8207 Datasheet HTML 17Page - National Semiconductor (TI) LM8207 Datasheet HTML 18Page - National Semiconductor (TI) LM8207 Datasheet HTML 19Page - National Semiconductor (TI) LM8207 Datasheet HTML 20Page - National Semiconductor (TI) LM8207 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Application Section (Continued)
V
COM BUFFER
The V
COM buffer supplies a common voltage to the back
plate of all the pixels in a TFT panel. When column drivers
write to the pixels, current pulses will occur onto the V
COM
line. These pulses are the result of charging the capacitance
between V
COM and the column lines. This capacitance is a
combination of stray capacitance and pixel capacitance. This
stray capacitance varies between panel sizes but typically
ranges from 16 pF to 33 pF per column. Pixel capacitance is
in the order of 0.5 pF and contributes very little to these
pulses because only one pixel at a time is connected to a
column. Charging this capacitance can result in short posi-
tive or negative current pulses of 100 mA or more, depend-
ing on the panel size. The V
COM buffer is designed to handle
these pulses. A V
COM buffer is basically a voltage regulator
that can sink or source current in large capacitive loads. The
V
COM buffer should recover very fast from these distur-
bances. The operating voltage of the V
COM buffer is in the
middle of the gamma voltage range.
The typical application in Figure 11 shows the V
COM buffer
supplying a common voltage to the back plate of the display.
This level can be adjusted by changing the value of the
resistors. Increasing the value of R
1 or decreasing the value
of R
2 will decrease the VCOM level. Increasing the value of
R
2 or decreasing the value of R1 will increase the VCOM
level.
Another, more flexible, solution is to use National Semicon-
ductor’s programmable V
COM calibrator, the LM8342. The
V
COM level can be adjusted using an I
2C interface. See the
LM8342’s datasheet for more detailed information about this
part.
LM8207 CONFIGURATION
A complete configured typical application of the LM8207 is
given in Figure 12. All three basic functions of the LM8207
are discussed in the previous sections. Details for setting the
Voltage Reference are given in the “Voltage Reference”
section. Calculations for defining a gamma correction curve
are given in the section entitled “Gamma Buffers.” Defining
and adjusting the V
COM level is discussed in the “VCOM
Buffer” section. The LM8207 is an 18 channel gamma buffer
plus a V
COM buffer. In certain applications some of the
gamma buffers or the V
COM buffer may not be used. In such
cases it is recommended that the unused buffer input pins be
tied to the input voltage range value.
20137928
FIGURE 11. VCOM Buffer
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com