Electronic Components Datasheet Search
  English  ▼

X  

LM8207 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8207
Description  TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8207 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM8207 Datasheet HTML 10Page - National Semiconductor (TI) LM8207 Datasheet HTML 11Page - National Semiconductor (TI) LM8207 Datasheet HTML 12Page - National Semiconductor (TI) LM8207 Datasheet HTML 13Page - National Semiconductor (TI) LM8207 Datasheet HTML 14Page - National Semiconductor (TI) LM8207 Datasheet HTML 15Page - National Semiconductor (TI) LM8207 Datasheet HTML 16Page - National Semiconductor (TI) LM8207 Datasheet HTML 17Page - National Semiconductor (TI) LM8207 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Application Section (Continued)
GAMMA BUFFERS
This section gives an overview for the applications of the
gamma buffers and also defines the gamma correction
curve. Specifications for the buffers are derived from their
operation range. Also included are the formulas for the real-
ization of the gamma correction curve using external resis-
tors. An overview is given for the gamma voltage accuracy,
using the LM8207 in combination with external resistors.
As discussed in the section entitled “Principle Operation of a
TFT-LCD,” the basic function of the gamma buffers is to
make the gamma correction curve independent of the be-
havior of the column driver. Writing data to each subsequent
pixel will cause load variations. The gamma buffers have a
low impedance output and can handle these variations with-
out changing the gamma correction curve. A typical gamma
correction curve is given in Figure 8.
Each buffer covers a part of the correction curve and, there-
fore, has its own specifications. All buffers require that the
output should recover quickly from disturbances caused by
the switching of the column driver. The gamma voltage level
of each buffer (VGMA1…VGMA18) depends on its position
for the levels decrease sequentially. To best utilize the
LM8207, each buffer is optimized for its position in the
gamma correction curve.
•
Gamma Buffers 1-2
Operating voltage range: V
DD to VSS +2V. Due to the
operating voltage, only negative transitions at the output
are possible. Positive transitions will exceed the supply
voltage V
DD. These buffers are able to source current to
bias the resistive load of the column driver having an
open collector structure. To meet the operating voltage
range, these outputs need a resistive load connected to a
lower potential sourcing an output current of at least
1 mA.
•
Gamma Buffers 3-16
Operating voltage range: V
DD – 1VtoVSS + 1V. Due to
the operating range, both positive and negative transi-
tions at the outputs are possible.
•
Gamma Buffers 17-18
Operating voltage range: V
DD -2toVSS. Due to the
operating voltage, only positive transitions at the output
are possible. Negative transitions will exceed the nega-
tive supply voltage V
SS. These buffers are able to sink
current from the resistive load of the column driver having
an open collector structure. To meet the operating volt-
age range, these outputs need a resistive load connected
to a higher potential sinking an output current of at least
1mA
Example:
A typical application using the LM8207 is given in Figure 9.
The
corresponding
gamma
correction
curve
(VGMA1...VGMA18) is defined in Table 1. The Voltage Ref-
erence supplies the 14.4V to the resistor network. The cal-
culations for the resistor values and for setting the Voltage
Reference are shown in the section “Voltage Reference.”
20137922
FIGURE 7. Voltage Reference Headroom vs. Load
Current
20137923
FIGURE 8. Typical Gamma Correction Curve
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com