Electronic Components Datasheet Search
  English  ▼

X  

LM8207 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8207
Description  TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8207 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM8207 Datasheet HTML 1Page - National Semiconductor (TI) LM8207 Datasheet HTML 2Page - National Semiconductor (TI) LM8207 Datasheet HTML 3Page - National Semiconductor (TI) LM8207 Datasheet HTML 4Page - National Semiconductor (TI) LM8207 Datasheet HTML 5Page - National Semiconductor (TI) LM8207 Datasheet HTML 6Page - National Semiconductor (TI) LM8207 Datasheet HTML 7Page - National Semiconductor (TI) LM8207 Datasheet HTML 8Page - National Semiconductor (TI) LM8207 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM8207
TFT 18 Gamma Buffer + V
COM Driver + Voltage Reference
General Description
The LM8207 is a combination of 18-channel gamma buffers,
aV
COM driver and a temperature compensated internal volt-
age reference. It is designed for buffering voltage levels and
driving high capacitive loads in large TFT panels. The
gamma buffers are individually optimized to the input/output
requirements of their respective gamma position to cover the
whole voltage range from rail to rail. Any desired gamma
correction curve can be obtained by combining the gamma
buffers with external resistors. The V
COM driver has a high
output current capability and is stable with large capacitive
loads, typical for large panel sizes. This will result in a fast
recovery time for large voltage variations at the output. The
internal band gap reference can be used to form a highly
stable voltage to generate the gamma correction voltages. In
combination with the internal amplifier, the reference voltage
can be programmed to voltages up to the positive rail. The
LM8207 is offered in a 48-pin TSSOP package.
Features
n
Gamma buffers 1-2 swing to V
DD
n
Gamma buffers 17-18 swing to V
SS
n
Large output current V
COM driver (ISC = 300 mA)
n
Stable (1%) internal 1.295V reference, to improve
picture quality and reduce variations
n
48-pin TSSOP package
Applications
n
TFT gamma curve connection and V
COM voltage
buffering
TFT Panel Block Diagram
20137926
September 2005
© 2005 National Semiconductor Corporation
DS201379
www.national.com


Similar Part No. - LM8207

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8207 TI1-LM8207 Datasheet
1Mb / 32P
LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
LM8207 TI2-LM8207 Datasheet
1Mb / 34P
LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
REVISED MARCH 2013
LM8207MT/NOPB TI1-LM8207MT/NOPB Datasheet
1Mb / 32P
LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
LM8207MTX/NOPB TI1-LM8207MTX/NOPB Datasheet
1Mb / 32P
LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
LM8207MTX/NOPB TI2-LM8207MTX/NOPB Datasheet
1Mb / 34P
LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
REVISED MARCH 2013
More results

Similar Description - LM8207

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
EL5128 INTERSIL-EL5128 Datasheet
698Kb / 11P
Dual VCOM Amplifier & Gamma Reference Buffer
July 26, 2004
EL5625 INTERSIL-EL5625 Datasheet
470Kb / 11P
Programmable 18-Channel Gamma with 1-Channel VCOM with Reference
February 28, 2006
EL5128 INTERSIL-EL5128_07 Datasheet
410Kb / 12P
Dual VCOM Amplifier & Gamma Reference Buffer
May 4, 2007
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
logo
Analog Devices
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
10-Channel Gamma Buffer with VCOM Driver
REV. B
logo
Texas Instruments
LM8207 TI1-LM8207 Datasheet
1Mb / 32P
LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Renesas Technology Corp
EL5128 RENESAS-EL5128 Datasheet
646Kb / 12P
Dual VCOM Amplifier & Gamma Reference Buffer
EL5625 RENESAS-EL5625 Datasheet
614Kb / 12P
Programmable 18-Channel Gamma with 1-Channel VCOM with Reference
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com