Electronic Components Datasheet Search
  English  ▼

X  

LM8207 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8207
Description  TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8207 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM8207 Datasheet HTML 8Page - National Semiconductor (TI) LM8207 Datasheet HTML 9Page - National Semiconductor (TI) LM8207 Datasheet HTML 10Page - National Semiconductor (TI) LM8207 Datasheet HTML 11Page - National Semiconductor (TI) LM8207 Datasheet HTML 12Page - National Semiconductor (TI) LM8207 Datasheet HTML 13Page - National Semiconductor (TI) LM8207 Datasheet HTML 14Page - National Semiconductor (TI) LM8207 Datasheet HTML 15Page - National Semiconductor (TI) LM8207 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Application Section (Continued)
Figure 3 shows how the display information is refreshed.
Using the row and column drivers, one pixel is addressed at
the display. The column driver receives the digital color data
from the timing controller. The corresponding gamma volt-
age will be determined, using the gamma correction curve.
In fact, the gamma correction curve is just a voltage refer-
ence with 18 output tabs, which presets the color intensity
settings. This gamma voltage is written to the pixel. The
column driver selects one column at the time; the changing
in the load may affect the ‘tabs’ of the gamma correction
curve. This problem can be solved using ‘gamma buffers’ to
isolate the gamma correction curve from the column driver.
PRINCIPLE OPERATION of the LM8207
The LM8207 combines three basic functions used in TFT
displays:
•
Voltage Reference
To improve picture quality and to reduce brightness varia-
tions, a highly stable reference voltage is available. It has
a low drift over the operation temperature range. This
output voltage (OUT_V
REF) is used as the reference
voltage to define the gamma correction values.
•
Gamma Buffers
The gamma correction curve can be defined easily using
an external chain of precision resistors. To ensure load
independent gamma correction levels, 18 gamma buff-
ers, each having a low output resistance, can be used to
drive the TFT display column drivers.
•
V
COM Buffer
The V
COM buffer supplies a common voltage, which is
applied to the back plate of all the pixels. Writing color
information to all the pixels will cause high current varia-
tions at the V
COM level so this VCOM buffer is designed for
driving large output currents.
These three functions are discussed in detail in the following
sections.
VOLTAGE REFERENCE
The internal Voltage Reference of the LM8207 can be used
to improve picture stability. This accurate reference is highly
stable over the operation temperature range. The output
voltage (OUT_V
REF) of the Voltage Reference can be set
using two external resistors. In the next two sections, the
possibilities for setting the output voltage of the Voltage
Reference and the operating range of the Voltage Reference
are discussed.
SETTING THE OUTPUT VOLTAGE OF THE VOLTAGE
REFERENCE
The output voltage of the Voltage Reference Amplifier
(OUT_V
REF) can be set using the internal reference in com-
bination with the internal amplifier and two external resistors.
In Figure 4 a typical application circuit for V
REF is given.
20137926
FIGURE 3. Block Diagram of a Typical TFT-LCD
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com