Electronic Components Datasheet Search
  English  ▼

X  

SL2S2602 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SL2S2602
Description  ICODE SLIX2
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2602 Datasheet(HTML) 3 Page - NXP Semiconductors

  SL2S2602 Datasheet HTML 1Page - NXP Semiconductors SL2S2602 Datasheet HTML 2Page - NXP Semiconductors SL2S2602 Datasheet HTML 3Page - NXP Semiconductors SL2S2602 Datasheet HTML 4Page - NXP Semiconductors SL2S2602 Datasheet HTML 5Page - NXP Semiconductors SL2S2602 Datasheet HTML 6Page - NXP Semiconductors SL2S2602 Datasheet HTML 7Page - NXP Semiconductors SL2S2602 Datasheet HTML 8Page - NXP Semiconductors SL2S2602 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
NXP Semiconductors
SL2S2602
ICODE SLIX2
SL2S2602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Product data sheet
Rev. 4.1 — 25 July 2017
COMPANY PUBLIC
276341
3 / 55
2 Features and benefits
2.1 ICODE SLIX2 RF interface (ISO/IEC 15693)
• Contactless transmission of data and supply energy (no battery needed)
• Operating distance: up to 1.5 m (depending on antenna geometry)
• Operating frequency: 13.56 MHz (ISM, world-wide licence freely available)
• Fast data transfer: up to 53 kbit/s
• High data integrity: 16-bit CRC, framing
• True anticollision
• Electronic Article Surveillance (EAS)
• Application Family Identifier (AFI) supported
• Data Storage Format Identifier (DSFID)
• ENABLE PRIVACY command with 32-bit Privacy password
• DESTROY SLIX2 command with 32-bit Destroy password
• Additional fast anticollision read
• Persistent quiet mode to enable faster inventory speed
• Write distance equal to read distance
2.2 EEPROM
• 2560 bits user memory, organized in 80 blocks of 4 bytes each (last block reserved for
counter feature)
• 50 years data retention
• Write endurance of 100000 cycles
2.3 Security
• Unique identifier for each device (8 byte)
• 32 byte originality signature
• Lock mechanism for each user memory block (write protection)
• Lock mechanism for DSFID, AFI, EAS
• Password (32-bit) protected memory management for Read access
• Password (32-bit) protected memory management for Write access
• Password (32-bit) protected Label Destroy
• Password (32-bit) protected Privacy Mode
• Password (32-bit) protected EAS and AFI functionality
• 16 bit counter (optionally password protected with the read and write password)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com