Electronic Components Datasheet Search
  English  ▼

X  

SL2S2602 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SL2S2602
Description  ICODE SLIX2
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2602 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SL2S2602 Datasheet HTML 28Page - NXP Semiconductors SL2S2602 Datasheet HTML 29Page - NXP Semiconductors SL2S2602 Datasheet HTML 30Page - NXP Semiconductors SL2S2602 Datasheet HTML 31Page - NXP Semiconductors SL2S2602 Datasheet HTML 32Page - NXP Semiconductors SL2S2602 Datasheet HTML 33Page - NXP Semiconductors SL2S2602 Datasheet HTML 34Page - NXP Semiconductors SL2S2602 Datasheet HTML 35Page - NXP Semiconductors SL2S2602 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
NXP Semiconductors
SL2S2602
ICODE SLIX2
SL2S2602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Product data sheet
Rev. 4.1 — 25 July 2017
COMPANY PUBLIC
276341
32 / 55
Table 59. LOCK EAS response format when Error_flag NOT set
SOF
Flags
CRC16
EOF
-
8 bits
16 bits
-
9.5.3.15 EAS ALARM
Command code = A5h
The EAS ALARM command can be used in the following configurations:
• Option flag is set to 0:
EAS ID mask length and EAS ID value shall not be transmitted.
If the EAS mode is enabled, the EAS response is returned from the ICODE SLIX2 IC.
This configuration is compliant with the EAS command of the ICODE SLI IC.
• Option flag is set to 1:
Within the command the EAS ID mask length has to be transmitted to identify how
many bits of the following EAS ID value are valid (multiple of 8-bits). Only those ICODE
SLIX2 ICs will respond with the EAS sequence which have stored the corresponding
data in the EAS ID configuration (selective EAS) and if the EAS Mode is set.
If the EAS ID mask length is set to 0, the ICODE SLIX2 IC will answer with its EAS ID.
Table 60. EAS ALARM Request format
SOF Flags EAS
ALARM
IC Mfg
code
UID
EAS ID
mask
length
EAS ID value CRC1
6
EOF
-
8 bits 8 bits
8 bits
64 bits
optional
8 bits optional 0, 8 or 16 bits
optional
16 bits -
If an error is detected the ICODE SLIX2 IC remains silent.
Option flag is set to logic 0 or Option flag is set to logic 1 and the EAS ID mask length is
not equal to 0:
Table 61. EAS ALARM Response format (Option flag logic 0)
SOF
Flags
EAS sequence CRC16
EOF
-
8 bits
256 bits
16 bits
-
EAS sequence (starting with the LSB, which is transmitted first; read from left to right):
11110100 11001101 01000110 00001110 10101011 11100101 00001001 11111110
00010111 10001101 00000001 00011100 01001011 10000001 10010010 01101110
01000001 01011011 01011001 01100001 11110110 11110101 11010001 00001101
10001111 00111001 10001011 01001000 10100101 01001110 11101100 11110111
Option flag is set to logic 1 and the EAS ID mask length is equal to 0:
Table 62. EAS ALARM Response format (Option flag logic 1)
SOF
Flags
EAS ID value
CRC16
EOF
-
8 bits
16 bits
16 bits
-
If the EAS mode is disabled (see RESET EAS command in Section 9.5.3.13 "RESET
EAS"), the ICODE SLIX2 IC remains silent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com