Electronic Components Datasheet Search
  English  ▼

X  

SL2S2602 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # SL2S2602
Description  ICODE SLIX2
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2602 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button SL2S2602 Datasheet HTML 44Page - NXP Semiconductors SL2S2602 Datasheet HTML 45Page - NXP Semiconductors SL2S2602 Datasheet HTML 46Page - NXP Semiconductors SL2S2602 Datasheet HTML 47Page - NXP Semiconductors SL2S2602 Datasheet HTML 48Page - NXP Semiconductors SL2S2602 Datasheet HTML 49Page - NXP Semiconductors SL2S2602 Datasheet HTML 50Page - NXP Semiconductors SL2S2602 Datasheet HTML 51Page - NXP Semiconductors SL2S2602 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
NXP Semiconductors
SL2S2602
ICODE SLIX2
SL2S2602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Product data sheet
Rev. 4.1 — 25 July 2017
COMPANY PUBLIC
276341
48 / 55
16 References
[1]
ISO Standard
ISO/IEC 15693 - Identification cards - Contactless integrated circuit cards - Vicinity cards.
[2]
ISO Standard
ISO/IEC 15693-2 -Identification cards - Contactless integrated circuit cards - Vicinity
cards - Part 2: Air interface and initialization.
[3]
ISO Standard
ISO/IEC 15693-3 -Identification cards - Contactless integrated circuit cards - Vicinity
cards - Part 3: Anticollision and transmission protocol.
[4]
ISO Standard
ISO/IEC 18000-3 - Information technology - Radio frequency identification for item
management - Part 3: Parameters for air interface communications at 13.56 MHz.
[5]
ISO Standard
ISO/IEC 7816-6 - Identification cards - Integrated circuit cards - Part 6: Interindustry data
elements for interchange.
[6]
General specification for 8" wafer on UV-tape with electronic fail die marking
Delivery type description – BU-ID document number: 1093**1.
[7]
Certicom Research. SEC 2
Recommended Elliptic Curve Domain Parameters, version 2.0, January 2010.
[8]
Application Note
AN3660 - ICODE SLIX2 Recommended operating conditions when using 100% ASK.
[9]
Contactless smart card module specification MOA8
Delivery Type Description, BU-ID Document number 1636**1.
1
** ... document version number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com