Electronic Components Datasheet Search
  English  ▼

X  

SL2S2602 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SL2S2602
Description  ICODE SLIX2
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2602 Datasheet(HTML) 1 Page - NXP Semiconductors

  SL2S2602 Datasheet HTML 1Page - NXP Semiconductors SL2S2602 Datasheet HTML 2Page - NXP Semiconductors SL2S2602 Datasheet HTML 3Page - NXP Semiconductors SL2S2602 Datasheet HTML 4Page - NXP Semiconductors SL2S2602 Datasheet HTML 5Page - NXP Semiconductors SL2S2602 Datasheet HTML 6Page - NXP Semiconductors SL2S2602 Datasheet HTML 7Page - NXP Semiconductors SL2S2602 Datasheet HTML 8Page - NXP Semiconductors SL2S2602 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
SL2S2602
ICODE SLIX2
Rev. 4.1 — 25 July 2017
Product data sheet
276341
COMPANY PUBLIC
1 General description
The ICODE SLIX2 IC is the newest member of NXP’s SLIX product family. The chip is
fully backwards compatible to SLIX and offers an increased user memory size, along with
new outstanding features and performance:
• NXP originality signature
• Increased speed for Inventory management
• Increased reading range
• Increased robustness against detuning effects
• 2.5 kbit user memory size
• Flexible user memory segmentation with separate access conditions
• Password protected on chip service cycle counter
1.1 Contactless energy and data transfer
Whenever connected to a very simple and easy-to-produce type of antenna (as a result
of the 13.56 MHz carrier frequency) made out of a few windings printed, winded, etched
or punched coil, the ICODE SLIX2 IC can be operated without line of sight up to a
distance of 1.5 m (gate width). No battery is needed. When the smart label is positioned
in the field of an interrogator antenna, the high speed RF communication interface
enables data to be transmitted up to 53 kbit/s.
1.2 Anticollision
An intelligent anticollision function enables several tags to operate in the field
simultaneously. The anticollision algorithm selects each tag individually and ensures
that the execution of a transaction with a selected tag is performed correctly without data
corruption resulting from other tags in the field.
1.3 Security and privacy aspects
• Unique IDentifier (UID):
The UID cannot be altered and guarantees the uniqueness of each label.
• Originality signature:
32 byte ECC based originality signature.
• Password protected memory management (Read/Write access):
The user memory can be segmented into two pages and the access rights for read/
write access can be defined for each of them. This ensures that only authorized users
get read/write access to the protected parts of the user memory (anti counterfeiting).
READMULTIPLE BLOCK and (FAST) INVENTORY READ are compatible to ICODE
SLI and ICODE SLIX.
• Password protected Label Destroy:


Similar Part No. - SL2S2602

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL2S2002 NXP-SL2S2002 Datasheet
108Kb / 13P
ICODE SLIX a product family of smart label ICs
Rev. 3.2-10 January 2011
SL2S2002FTB NXP-SL2S2002FTB Datasheet
108Kb / 13P
ICODE SLIX a product family of smart label ICs
Rev. 3.2-10 January 2011
SL2S2002FUD NXP-SL2S2002FUD Datasheet
108Kb / 13P
ICODE SLIX a product family of smart label ICs
Rev. 3.2-10 January 2011
SL2S2102FTB NXP-SL2S2102FTB Datasheet
108Kb / 13P
ICODE SLIX a product family of smart label ICs
Rev. 3.2-10 January 2011
SL2S2102FUD NXP-SL2S2102FUD Datasheet
108Kb / 13P
ICODE SLIX a product family of smart label ICs
Rev. 3.2-10 January 2011
More results

Similar Description - SL2S2602

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL2S2002 NXP-SL2S2002 Datasheet
108Kb / 13P
ICODE SLIX a product family of smart label ICs
Rev. 3.2-10 January 2011
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
SL2S1402 NXP-SL2S1402 Datasheet
314Kb / 33P
ICODE ILT
Rev. 3.3-15 October 2019
SL2S1412 NXP-SL2S1412 Datasheet
321Kb / 34P
ICODE ILT-M
Rev. 3.3-15 October 2019
SL2S5002 NXP-SL2S5002 Datasheet
169Kb / 35P
ICODE SLIX-L
Rev. 3.4-27 August 2012
SL2S5302 NXP-SL2S5302 Datasheet
173Kb / 35P
ICODE SLIX-S
Rev. 3.2-27 August 2012
SLRC400 NXP-SLRC400 Datasheet
759Kb / 101P
ICODE reader IC
Rev. 3.3-23 March 2010
SL2S6002 NXP-SL2S6002 Datasheet
218Kb / 14P
ICODE DNA
Rev. 3.0 ??16 June 2016
CLRM701 NXP-CLRM701 Datasheet
1Mb / 21P
Mifare® & ICODE contactless reader module
Rev. 3.2 - 24 May 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com