Electronic Components Datasheet Search
  English  ▼

X  

SL2S2602 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SL2S2602
Description  ICODE SLIX2
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2602 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SL2S2602 Datasheet HTML 6Page - NXP Semiconductors SL2S2602 Datasheet HTML 7Page - NXP Semiconductors SL2S2602 Datasheet HTML 8Page - NXP Semiconductors SL2S2602 Datasheet HTML 9Page - NXP Semiconductors SL2S2602 Datasheet HTML 10Page - NXP Semiconductors SL2S2602 Datasheet HTML 11Page - NXP Semiconductors SL2S2602 Datasheet HTML 12Page - NXP Semiconductors SL2S2602 Datasheet HTML 13Page - NXP Semiconductors SL2S2602 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
NXP Semiconductors
SL2S2602
ICODE SLIX2
SL2S2602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Product data sheet
Rev. 4.1 — 25 July 2017
COMPANY PUBLIC
276341
10 / 55
Shear strength
>70 MPa
Height
25 μm[1]
Height uniformity
within a die
±2 μm
within a wafer
±3 μm
wafer to wafer
±4 μm
Bump flatness
±1.5 μm
Bump size
LA, LB
80 μm × 80 μm
TEST, GND
60 μm × 60 μm
variation
±5 μm
Under bump metallization
sputtered TiW
1. Because of the 7 µm spacer, the bump will measure 18 µm relative height protruding
the spacer.
8.1.1 Fail die identification
No inkdots are applied to the wafer.
Electronic wafer mapping (SECS II format) covers the electrical test results and
additionally the results of mechanical/visual inspection.
See Ref. 6 "General specification for 8" wafer on UV-tape with electronic fail die
marking".
8.1.2 Map file distribution
See Ref. 6 "General specification for 8" wafer on UV-tape with electronic fail die
marking".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com