Electronic Components Datasheet Search
  English  ▼

X  

UP9511P Datasheet(PDF) 2 Page - uPI Group Inc.

Part # UP9511P
Description  8/7/6/5/4/3/2/1-Phase Synchronous-Rectified Buck Controller for Next Generation GPU Core Power
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9511P Datasheet(HTML) 2 Page - uPI Group Inc.

  UP9511P Datasheet HTML 1Page - uPI Group Inc. UP9511P Datasheet HTML 2Page - uPI Group Inc. UP9511P Datasheet HTML 3Page - uPI Group Inc. UP9511P Datasheet HTML 4Page - uPI Group Inc. UP9511P Datasheet HTML 5Page - uPI Group Inc. UP9511P Datasheet HTML 6Page - uPI Group Inc. UP9511P Datasheet HTML 7Page - uPI Group Inc. UP9511P Datasheet HTML 8Page - uPI Group Inc. UP9511P Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
uP9511
2
uP9511-DS-C3100, Feb. 2016
www.upi-semi.com
Typical Application Circuit
EAP
SS
5VCC
IMON
FBRTN
COMP
FB
CSPSUM
CSNSUM
VOUT_SNS
5V
LPC
PROG1
PROG2
PROG3
PROG4
VID
REFADJ
REFIN
VREF
FBRTN
1.8V
PSI
GPIO
EN
PROG6
VINMON
VIN
PGOOD
PWMx
GND
VGND_SNS
VOUT
GND
PHx
VCC
PWM
EN
GND
BOOT
UGATE
PHASE
LGATE
ISENx
5V
VOUT
VIN
Repeat to 8
PROG5
27
36
12
35
24
23
33
34
26
2
1
39
40
37
25
38
3
4~11
13~20
22
21
31
30
32
29
28
41
Note: Reserved
Note: Reserved for Phase Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com