Electronic Components Datasheet Search
  English  ▼

X  

UP9511P Datasheet(PDF) 6 Page - uPI Group Inc.

Part # UP9511P
Description  8/7/6/5/4/3/2/1-Phase Synchronous-Rectified Buck Controller for Next Generation GPU Core Power
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9511P Datasheet(HTML) 6 Page - uPI Group Inc.

Back Button UP9511P Datasheet HTML 2Page - uPI Group Inc. UP9511P Datasheet HTML 3Page - uPI Group Inc. UP9511P Datasheet HTML 4Page - uPI Group Inc. UP9511P Datasheet HTML 5Page - uPI Group Inc. UP9511P Datasheet HTML 6Page - uPI Group Inc. UP9511P Datasheet HTML 7Page - uPI Group Inc. UP9511P Datasheet HTML 8Page - uPI Group Inc. UP9511P Datasheet HTML 9Page - uPI Group Inc. UP9511P Datasheet HTML 10Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
uP9511
6
uP9511-DS-C3100, Feb. 2016
www.upi-semi.com
Functional Description
Power On Reset (POR)
Figure 1 shows the power ready detection circuit. The 5VCC
voltage is monitored for power on reset with typically 4.3V
threshold at its rising edge. When 5VCC is ready, the
controller waits for EN to start up. When EN pin is driven
above 0.4V, the controller begins its start up sequence.
When EN pin is driven below 0.2V, the controller will be
turned off, and it will clear all fault states to prepare to next
soft-start once the controller is re-enabled.
5VCC
EN
4.3V
0.4V
POR
Figure 1. Circuit of Power Ready Detection
Power Input Monitor
VINMON is the power stage input voltage sense pin.
Connect this pin to power stage input voltage (VIN) with a
voltage divider and always keep VINMON of power stage
input voltage. When VINMON less than typically 0.5V at
POR, the uP9511 will forces starts up at single phase and
disables the cold boot, warm boot, PSI and auto-phase
function. Once this condition is triggered, it can only be
reset by re-POR or EN restart.
Phase Number of Operation (Hardware Programming)
The uP9511 supports 8/7/6/5/4/3/2/1-phase operation. The
maximum phase number of operation is determined by
checking the status of ISENx pins when power on reset.
Normally, uP9511 is 8-phase operation. Pull ISEN8 to 5VCC
with a 100k
Ω for 7-phase operation; Pull ISEN7 to 5VCC
with a 100k
Ω for 6-phase operation and so on. When
operating in 7-phase, PWM8 outputs are set to high
impedance; in 6-phase, PWM[8:7] outputs are set to high
impedance and so on. The maximum phase number of
operation is decided and latched at each POR rising edge.
The unused ISENx pins and PWMx pins can be left floating.
Operation Frequency
The phase switching frequency of the uP9511 is set by an
external resistor connected between PROG6 pin and GND.
Table 1 lists the operation frequency and the recommended
resistor R
PROG6 value.
Table 1. Operation Frequency and Recommended R
PROG6
y
c
n
e
u
q
e
r
F
g
n
i
h
c
t
i
w
S
)
z
H
k
(
R
d
e
d
n
e
m
m
o
c
e
R
6
G
O
R
P
r
o
t
s
i
s
e
R
k
(
Ω)
0
0
21
5
0
0
33
3
0
0
44
2
0
0
50
2
0
0
66
1
Power Saving Mode
The uP9511 provides power saving features for platform
designers to program platform specific power saving
configuration. There are three operation modes: Full-Phase
mode, Auto-Phase mode, and Low-Phase mode. The
uP9511 switches between these three operation modes
according to the input voltage level of the PSI pin. Figure 2
shows typical PSI application circuit, and table 2 shows
recommended PSI setting voltage level of three operation
modes. In low-phase mode, it can separate into Cold Boot
Mode and Warm Boot Mode. The operation phase number
of Cold Boot Mode and Warm Boot Mode is determined by
LPC pin. In auto-phase mode, the operation phase number
will auto increasing/reducing according to output loading.
In Full-Phase mode, the maximum phase number of
operation is determined by checking the status of ISENx
pins when POR.
PSI
Power State
Selection
1.8V
H-L Logic
Figure 2. PSI application circuit
Table 2. Operation Mode and recommended V
PSI
e
d
o
M
n
o
i
t
a
r
e
p
O
g
n
i
t
t
e
S
e
g
a
t
l
o
V
d
e
d
n
e
m
m
o
c
e
R
I
S
P
t
a
e
d
o
M
e
s
a
h
P
-
ll
u
FV
8
.
1
e
d
o
M
e
s
a
h
P
-
o
t
u
AV
1
e
d
o
M
e
s
a
h
P
-
w
o
LD
N
G
Auto-Phase Shedding
The uP9511 provide Auto-Phase Shedding function to reduce
the switching and conduction losses at light load condition
and enable high efficiency over a wide range of output current.
Auto-Phase Shedding function is activated by two conditions:
1. PSI voltage stays at “Auto-Phase Mode”.
2. After PGOOD goes high, VID pin received the PWM-VID
input signal from GPU.
Once the Auto-Phase Shedding function activated, the
uP9511 compares the V
IMON with VPROG1/VPROG2/VPROG3/
V
PROG4 to decide the operation phase number dynamically.
Connect each PROGx pins to 5VCC with a voltage divider
to set the threshold and hysteresis. The threshold and the
hysteresis can be calculated as:
6
.
0
5
+
×
⎟⎟
⎟
⎟
⎠
⎞
⎜⎜
⎜
⎜
⎝
⎛
×
=
×
+
=
IMON
SUM
DC
OUT
CC
BOT
TOP
BOT
PROGx
R
R
N
R
I
V
R
R
R
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com