Electronic Components Datasheet Search
  English  ▼

X  

UP9511P Datasheet(PDF) 8 Page - uPI Group Inc.

Part # UP9511P
Description  8/7/6/5/4/3/2/1-Phase Synchronous-Rectified Buck Controller for Next Generation GPU Core Power
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9511P Datasheet(HTML) 8 Page - uPI Group Inc.

Back Button UP9511P Datasheet HTML 4Page - uPI Group Inc. UP9511P Datasheet HTML 5Page - uPI Group Inc. UP9511P Datasheet HTML 6Page - uPI Group Inc. UP9511P Datasheet HTML 7Page - uPI Group Inc. UP9511P Datasheet HTML 8Page - uPI Group Inc. UP9511P Datasheet HTML 9Page - uPI Group Inc. UP9511P Datasheet HTML 10Page - uPI Group Inc. UP9511P Datasheet HTML 11Page - uPI Group Inc. UP9511P Datasheet HTML 12Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
uP9511
8
uP9511-DS-C3100, Feb. 2016
www.upi-semi.com
Functional Description
Total Load Current Sense
The uP9511 uses a low input offset current sense amplifier
(CSA) to sense the total load current flowing through
inductors for droop function by CSPSUM and CSNSUM as
shown in Figure 5.
RPH8
RPH2
RPH1
1ohm
VOUT
PH1
PH2
PH8
CSPSUM
RSUM
CSNSUM
ISUM
CSUM
1ohm
1ohm
VOUT
VOUT
Figure 5. Total Load Current Sense
The voltage across C
SUM is proportional to the total load
current, and the output current of CSA(I
SUM) is also
proportional to the total load current of the voltage regulator.
The sensed current I
SUM represents the total output current
of the regulator, and it is directly used for droop function,
total output over current protection and auto-phase
function. I
SUM is calculated as follows.
SUM
DC
OUT
SUM
R
N
R
I
I
×
=
In this inductor current sensing topology, R
PH and CSUM
must be selected according to the equation below:
N
C
R
R
L
k
SUM
PH
DC
×
=
×
where R
DC is the DCR of the output inductor L, N is the
operation phase number. Theoretically, k should be equal
to 1 to sense the instantaneous total load current. But in
real application, k is usually between 1.2 to 1.8 for better
load transient response. Note that the resistance value of
R
SUM must be less than 2kΩ to ensure the current sensing
circuit in normal operation.
Voltage Control Loop
Figure 6 illustrates the voltage control loop of the uP9511.
FB and EAP are negative and positive inputs of the Error
Amplifier respectively. The Error Amplifier modulates the
COMP voltage V
COMP and the duty cycle of buck converter
to force FB voltage VFB follows V
EAP. The sensed current
signal (I
SUM) is mirrored to the EAP pin and creates voltage
at EAP pin as:
LL
SUM
SS
EAP
R
I
V
V
×
−
=
where V
SS is output of VREFIN, ISUM is a current source
proportional to output current, and R
LL is an external resistor
for adjusting load line slope. Therefore, the output voltage
will be:
SUM
LL
DC
OUT
SS
OUT
R
N
R
R
I
V
V
×
×
×
−
=
FB
R1
NVVDD_SENSE
EAP
RLL
SS
C1
R3
C2
C3
NVVDD_GND_SENSE
FBRTN
EA
COMP
ICSN
Positive
remote sense
pin of GPU
Negative
remote sense
pin of GPU
REFIN
R2
Figure 6. Voltage Control Loop
Output Voltage Differential Sense
The uP9511 uses differential sense by a high-gain low offset
error amplifier for output voltage differential sense as shown
in Figure 7. The GPU voltage is sensed by the FB and
FBRTN pins. FB pin is connected to the positive remote
sense pin NVVDD_SENSE of the GPU via the resistor R
FB.
FBRTN pin is connected to the negative remote sense pin
NVVDD_GND_SENSE of GPU directly.
Soft Start and Power Up Sequence
The uP9511 features a programmable soft start function to
limits the prevent surge current from power supply input
by a soft-start capacitor C
SS connected between SS to
FBRTN pin. Controller starts the soft-start process right on
V
EN>0.6V with typical 2ms initialization time (TINIT). When
soft-start cycle is initiated, an internal current source
charges the C
SS to VREFIN. The ramp up time (Tramp) during
soft start period is determined by the internal current source
and C
SS, and it can be calculated as below.
SS
SS
BOOT
,
REFIN
I
C
V
Tramp
×
=
For example, suppose V
REFIN, BOOT = 0.9V, CSS = 22nF, ISS =
13uA, the ramp up time is around 1.5ms.
If there is no fault detected at the end of soft-start, the
controller then asserts PGOOD when the output voltage
reaches its target without delay. Figure 7 shows the soft-
start sequence of the uP9511.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com