Electronic Components Datasheet Search
  English  ▼

X  

UP9511P Datasheet(PDF) 3 Page - uPI Group Inc.

Part # UP9511P
Description  8/7/6/5/4/3/2/1-Phase Synchronous-Rectified Buck Controller for Next Generation GPU Core Power
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9511P Datasheet(HTML) 3 Page - uPI Group Inc.

  UP9511P Datasheet HTML 1Page - uPI Group Inc. UP9511P Datasheet HTML 2Page - uPI Group Inc. UP9511P Datasheet HTML 3Page - uPI Group Inc. UP9511P Datasheet HTML 4Page - uPI Group Inc. UP9511P Datasheet HTML 5Page - uPI Group Inc. UP9511P Datasheet HTML 6Page - uPI Group Inc. UP9511P Datasheet HTML 7Page - uPI Group Inc. UP9511P Datasheet HTML 8Page - uPI Group Inc. UP9511P Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
uP9511
3
uP9511-DS-C3100, Feb. 2016
www.upi-semi.com
.
o
Ne
m
a
Nn
o
i
t
c
n
u
F
n
i
P
1N
I
F
E
R
.
t
u
p
n
I
e
c
n
e
r
e
f
e
R
r
o
r
o
t
s
i
s
e
r
a
h
g
u
o
r
h
t
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
l
a
n
r
e
t
x
e
n
a
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
t
i
u
c
r
i
c
J
D
A
F
E
R
e
h
t
f
o
t
u
p
t
u
o
e
h
t
o
t
t
c
e
n
n
o
c
2F
E
R
V
.
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
g
n
il
p
u
o
c
e
d
F
u
1
t
s
a
e
l
t
a
n
a
t
c
e
n
n
o
C
.
n
i
p
t
u
p
t
u
o
e
g
a
t
l
o
v
O
D
L
V
2
.
D
N
G
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
r
o
t
i
c
a
p
a
c
36
G
O
R
P
.
6
n
i
P
g
n
i
t
t
e
S
n
o
i
t
c
n
u
F
g
n
i
h
c
t
i
w
s
e
h
t
t
e
s
o
t
D
N
G
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
.
y
c
n
e
u
q
e
r
f
48
M
W
P
.
t
u
p
t
u
O
M
W
P
8
e
s
a
h
P
.
r
e
v
i
r
d
T
E
F
S
O
M
l
a
n
r
e
t
x
e
f
o
t
u
p
n
i
M
W
P
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
57
M
W
P
.
t
u
p
t
u
O
M
W
P
7
e
s
a
h
P
.
r
e
v
i
r
d
T
E
F
S
O
M
l
a
n
r
e
t
x
e
f
o
t
u
p
n
i
M
W
P
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
66
M
W
P
.
t
u
p
t
u
O
M
W
P
6
e
s
a
h
P
.
r
e
v
i
r
d
T
E
F
S
O
M
l
a
n
r
e
t
x
e
f
o
t
u
p
n
i
M
W
P
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
75
M
W
P
.
t
u
p
t
u
O
M
W
P
5
e
s
a
h
P
.
r
e
v
i
r
d
T
E
F
S
O
M
l
a
n
r
e
t
x
e
f
o
t
u
p
n
i
M
W
P
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
84
M
W
P
.
t
u
p
t
u
O
M
W
P
4
e
s
a
h
P
.
r
e
v
i
r
d
T
E
F
S
O
M
l
a
n
r
e
t
x
e
f
o
t
u
p
n
i
M
W
P
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
93
M
W
P
.
t
u
p
t
u
O
M
W
P
3
e
s
a
h
P
.
r
e
v
i
r
d
T
E
F
S
O
M
l
a
n
r
e
t
x
e
f
o
t
u
p
n
i
M
W
P
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
0
12
M
W
P
.
t
u
p
t
u
O
M
W
P
2
e
s
a
h
P
.
r
e
v
i
r
d
T
E
F
S
O
M
l
a
n
r
e
t
x
e
f
o
t
u
p
n
i
M
W
P
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
1
11
M
W
P
.
t
u
p
t
u
O
M
W
P
1
e
s
a
h
P
.
r
e
v
i
r
d
T
E
F
S
O
M
l
a
n
r
e
t
x
e
f
o
t
u
p
n
i
M
W
P
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
2
1C
C
V
5
.
C
I
e
h
t
r
o
f
t
u
p
n
I
y
l
p
p
u
S
2
.
2
a
h
t
i
w
e
c
r
u
o
s
e
g
a
t
l
o
v
V
5
a
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
Ω
.
r
e
t
l
i
f
F
u
1
+
3
18
N
E
S
I
.
8
N
E
S
I
.
t
n
e
r
r
u
c
t
u
p
t
u
o
8
e
s
a
h
p
e
s
n
e
s
o
t
r
o
t
s
i
s
e
r
a
h
t
i
w
n
i
p
8
E
S
A
H
P
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
4
17
N
E
S
I
.
7
N
E
S
I
.
t
n
e
r
r
u
c
t
u
p
t
u
o
7
e
s
a
h
p
e
s
n
e
s
o
t
r
o
t
s
i
s
e
r
a
h
t
i
w
n
i
p
7
E
S
A
H
P
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
5
16
N
E
S
I
.
6
N
E
S
I
.
t
n
e
r
r
u
c
t
u
p
t
u
o
6
e
s
a
h
p
e
s
n
e
s
o
t
r
o
t
s
i
s
e
r
a
h
t
i
w
n
i
p
6
E
S
A
H
P
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
6
15
N
E
S
I
.
5
N
E
S
I
.
t
n
e
r
r
u
c
t
u
p
t
u
o
5
e
s
a
h
p
e
s
n
e
s
o
t
r
o
t
s
i
s
e
r
a
h
t
i
w
n
i
p
5
E
S
A
H
P
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
7
14
N
E
S
I
.
4
N
E
S
I
.
t
n
e
r
r
u
c
t
u
p
t
u
o
4
e
s
a
h
p
e
s
n
e
s
o
t
r
o
t
s
i
s
e
r
a
h
t
i
w
n
i
p
4
E
S
A
H
P
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
8
13
N
E
S
I
.
3
N
E
S
I
.
t
n
e
r
r
u
c
t
u
p
t
u
o
3
e
s
a
h
p
e
s
n
e
s
o
t
r
o
t
s
i
s
e
r
a
h
t
i
w
n
i
p
3
E
S
A
H
P
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
9
12
N
E
S
I
.
2
N
E
S
I
.
t
n
e
r
r
u
c
t
u
p
t
u
o
2
e
s
a
h
p
e
s
n
e
s
o
t
r
o
t
s
i
s
e
r
a
h
t
i
w
n
i
p
2
E
S
A
H
P
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
0
21
N
E
S
I
.
1
N
E
S
I
.
t
n
e
r
r
u
c
t
u
p
t
u
o
1
e
s
a
h
p
e
s
n
e
s
o
t
r
o
t
s
i
s
e
r
a
h
t
i
w
n
i
p
1
E
S
A
H
P
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
1
2M
U
S
N
S
C
.
r
e
i
f
i
l
p
m
A
e
s
n
e
S
t
n
e
r
r
u
C
l
a
t
o
T
f
o
t
u
p
n
I
g
n
i
t
r
e
v
n
I
2
2M
U
S
P
S
C
.
r
e
i
f
i
l
p
m
A
e
s
n
e
S
t
n
e
r
r
u
C
l
a
t
o
T
f
o
t
u
p
n
I
g
n
i
t
r
e
v
n
I
-
n
o
N
3
22
G
O
R
P
P
g
n
i
t
t
e
S
n
o
i
t
c
n
u
F.
2
n
i
e
s
a
h
p
e
h
t
t
e
s
o
t
r
e
d
i
v
i
d
e
g
a
t
l
o
v
a
h
t
i
w
C
C
V
5
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
s
i
s
e
r
e
t
s
y
h
d
n
a
d
l
o
h
s
e
r
h
t
n
o
i
t
c
u
d
e
r
4
21
G
O
R
P
P
g
n
i
t
t
e
S
n
o
i
t
c
n
u
F.
1
n
i
e
s
a
h
p
e
h
t
t
e
s
o
t
r
e
d
i
v
i
d
e
g
a
t
l
o
v
a
h
t
i
w
C
C
V
5
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
s
i
s
e
r
e
t
s
y
h
d
n
a
d
l
o
h
s
e
r
h
t
n
o
i
t
c
u
d
e
r
5
2N
O
M
I
.
r
o
t
i
n
o
M
t
n
e
r
r
u
C
t
u
p
t
u
O
d
a
o
l
l
a
t
o
t
e
h
t
o
t
l
a
n
o
i
t
r
o
p
o
r
p
s
i
n
i
p
s
i
h
t
f
o
t
n
e
r
r
u
c
t
u
p
t
u
o
e
h
T
s
i
h
t
m
o
r
f
r
o
t
s
i
s
e
r
a
d
n
a
,
n
i
p
s
i
h
t
f
o
t
u
o
s
w
o
l
f
d
n
a
d
e
s
n
e
s
s
i
t
n
e
r
r
u
c
d
a
o
l
l
a
t
o
t
e
h
T
.
t
n
e
r
r
u
c
n
a
c
r
o
t
i
c
a
p
a
c
A
.
t
n
e
r
r
u
c
t
u
p
t
u
o
l
a
t
o
t
e
h
t
o
t
l
a
n
o
i
t
r
o
p
o
r
p
e
g
a
t
l
o
v
N
O
M
I
e
h
t
s
e
k
a
m
D
N
G
o
t
n
i
p
.
N
O
M
I
f
o
e
m
i
t
e
s
n
o
p
s
e
r
e
h
t
t
s
u
j
d
a
o
t
D
N
G
o
t
N
O
M
I
m
o
r
f
d
e
t
c
e
n
n
o
c
e
b
6
25
G
O
R
P
.
5
n
i
P
g
n
i
t
t
e
S
n
o
i
t
c
n
u
F
d
a
o
l
e
h
t
t
e
s
o
t
r
e
d
i
v
i
d
e
g
a
t
l
o
v
a
h
t
i
w
C
C
V
5
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
s
i
s
e
r
e
t
s
y
h
d
n
a
d
l
o
h
s
e
r
h
t
e
l
b
a
n
e
e
n
il
7
2N
O
M
N
I
V
.
r
o
t
i
n
o
M
e
g
a
t
l
o
V
t
u
p
n
I
e
g
a
t
S
r
e
w
o
P
e
g
a
t
l
o
v
a
h
t
i
w
N
I
V
t
u
p
n
i
e
g
a
t
s
r
e
w
o
p
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
n
o
i
t
c
e
t
e
d
N
I
V
e
g
a
t
l
o
v
t
u
p
n
i
e
g
a
t
s
r
e
w
o
p
r
o
f
n
i
p
s
i
h
t
n
o
e
g
a
t
l
o
v
e
h
t
s
e
s
n
e
s
r
e
ll
o
r
t
n
o
c
e
h
T
.
r
e
d
i
v
i
d
Functional Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com